Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA658P Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA658P
Description  Wideband, Low-Power, Current-Feedback Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA658P Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA658P Datasheet HTML 2Page - Texas Instruments OPA658P Datasheet HTML 3Page - Texas Instruments OPA658P Datasheet HTML 4Page - Texas Instruments OPA658P Datasheet HTML 5Page - Texas Instruments OPA658P Datasheet HTML 6Page - Texas Instruments OPA658P Datasheet HTML 7Page - Texas Instruments OPA658P Datasheet HTML 8Page - Texas Instruments OPA658P Datasheet HTML 9Page - Texas Instruments OPA658P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
OPA658
6
SBOS045A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted.
26
23
20
17
14
11
8
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
SO-8/DIP Bandwidth = 200MHz
G = +10
160
120
80
40
0
–40
–80
–120
–160
Time (5ns/div)
SMALL-SIGNAL TRANSIENT RESPONSE
G = +2
40
35
30
25
20
15
10
10
100
90
80
70
60
50
40
30
20
RECOMMENDED ISOLATION RESISTANCE
vs CAPACITIVE LOAD
Capacitive Load (pF)
G = +2
OPA658
C
L
1k
R
ISO
402
402
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
LARGE-SIGNAL TRANSIENT RESPONSE
Time (5ns/div)
G = +2
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
100k
1M
10M
100M
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
2f
O
3f
O
5MHz HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (V
PP)
–60
–65
–70
–75
–80
–85
–90
–95
–100
01
23
4
2f
O
3f
O
G = +2


Similar Part No. - OPA658P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658P BURR-BROWN-OPA658P Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA658P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com