Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA698 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 16Page - Texas Instruments OPA698 Datasheet HTML 17Page - Texas Instruments OPA698 Datasheet HTML 18Page - Texas Instruments OPA698 Datasheet HTML 19Page - Texas Instruments OPA698 Datasheet HTML 20Page - Texas Instruments OPA698 Datasheet HTML 21Page - Texas Instruments OPA698 Datasheet HTML 22Page - Texas Instruments OPA698 Datasheet HTML 23Page - Texas Instruments OPA698 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
OPA698
20
SBOS258B
www.ti.com
OPA698
V
L
V
H
Open
Open
V
L
V
H
V
OUT
R
3
402
R
4
75
OPA698
R
1
75
R
2
402
V
IN
–0.2V
FIGURE 19. Sync Stripper Circuit.
BOARD
LITERATURE
PRODUCT
PACKAGE
PART NO.
REQUEST NO.
OPA698ID
SO-8
DEM-OPA68xU
SBOU009
TABLE I. Demo Board Summary Information.
DC RESTORER
Figure 18 shows a DC restore circuit using the OPA698 and
OPA660. The buffer element of the OPA660 is used to buffer
the input signal while the transconductance element is used
to restore the DC level after the decoupling capacitor C1. The
DC level is set using R1 and R2. The OPA698 is configured
at a gain of 2 to compensate for the 75
Ω series into a 75Ω
load. The OPA698 also limits the output to ground.
VIDEO SYNC STRIPPER
Figure 19 shows a sync stripper using two OPA698 output-
limiting op amps. One OPA698 is configured as a limiting
inverting comparator. Referred to the input, the negative
excursions lower than –0.2V are clipped to ground, and all
excursions greater than –0.2V generate an output voltage
set by the default limiting value (–3.5V). The second OPA698
is using this waveform to effectively remove the sync pulse
from the video signal.
DESIGN-IN TOOLS
APPLICATIONS SUPPORT
The Texas Instruments Applications Department is available
for design assistance at 1-972-644-5580. The Texas Instru-
ments web site (www.ti.com) has the latest product data
sheets and other design aids.
DEMONSTRATION BOARDS
A PC board is available to assist in the initial evaluation of
circuit performance of the OPA698ID. It is available as an
unpopulated PCB with descriptive documentation. See the
demonstration board literature for more information. The
summary information for this board is shown in Table I.
FIGURE 18. DC Restore to Ground.
This board can be requested through the TI web site.
OPERATING SUGGESTIONS
THEORY OF OPERATION
The OPA698 is a voltage-feedback op amp that is unity-gain
stable. The output voltage is limited to a range set by the
voltage on the limiter pins (5 and 8). When the input tries to
overdrive the output, the limiters take control of the output
buffer. This action from the limiters avoids saturating any part
of the signal path, giving quick overdrive recovery and
OPA698
V
O
75
Load
8
5
V
L
V
H = Open
402
R
2
1k
R
3
200
D
1
402
20
V
IN
200
75
R
Q
250
R
1
19.6k
D
2
C
1
20
µF
6
1
C
E
B3
CCII
2
U1
5
+1
U1
U1 = OPA660
R
Q = 250Ω (sets IQ for U1)
D
1, D2 = 1N4148


Similar Part No. - OPA698

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI1-OPA698 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698ID TI1-OPA698ID Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDR TI1-OPA698IDR Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results

Similar Description - OPA698

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
[Old version datasheet]   UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com