Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA657TD1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657TD1
Description  1.6-GHz, Low-Noise, FET-Input Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657TD1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA657TD1 Datasheet HTML 1Page - Texas Instruments OPA657TD1 Datasheet HTML 2Page - Texas Instruments OPA657TD1 Datasheet HTML 3Page - Texas Instruments OPA657TD1 Datasheet HTML 4Page - Texas Instruments OPA657TD1 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA657-DIE
SBOS787 – AUGUST 2016
OPA657-DIE 1.6-GHz, Low-Noise, FET-Input Operational Amplifier
1
1 Features
1
High Gain Bandwidth Product: 1.6 GHz
High Bandwidth 275 MHz (G = 10)
Slew Rate 700 V/µs (G = 10, 1-V Step)
Low-Input Offset Voltage: ±250 µV
Low-Input Bias Current: 2 pA
Low-Input Voltage Noise: 4.8 nV/
√Hz
High-Output Current: 70 mA
Fast Overdrive Recovery
2 Applications
Wideband Photodiode Amplifiers
Wafer Scanning Equipment
ADC Input Amplifiers
Test and Measurement Front Ends
High Gain Precision Amplifiers
Optical Time Domain Reflectometry (OTDR)
3 Description
The OPA657 device combines a high gain-bandwidth,
low-distortion, voltage-feedback operational amplifier
with a low voltage noise JFET-input stage to offer a
very high dynamic range amplifier for high-precision
analog-to-digital converter (ADC) driving or wideband
transimpedance applications. Photodiode applications
achieve improved noise and bandwidth using this
decompensated, high gain-bandwidth amplifier.
Very low level signals can be significantly amplified in
a
single
OPA657
gain
stage
with
exceptional
bandwidth and accuracy. The very low input bias
current and capacitance supports this performance
even
for
relatively
high
source
impedance.
Broadband photodetector applications benefit from
the low voltage noise JFET inputs for the OPA657.
The JFET input contributes virtually no current noise,
which
makes
the
device
ideal
for
high-gain
photodiode applications.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments commercial production baseline and is in compliance with the Texas Instruments Quality
Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room
temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not
warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
Ordering Information(1)
PRODUCT
PACKAGE
DESIGNATOR
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
OPA657
TD
Bare Die in Gel Pak VR(2)
OPA657TD1
324
OPA657TD2
10


Similar Part No. - OPA657TD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
More results

Similar Description - OPA657TD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com