Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA655P Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA655P
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655P Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA655P Datasheet HTML 3Page - Texas Instruments OPA655P Datasheet HTML 4Page - Texas Instruments OPA655P Datasheet HTML 5Page - Texas Instruments OPA655P Datasheet HTML 6Page - Texas Instruments OPA655P Datasheet HTML 7Page - Texas Instruments OPA655P Datasheet HTML 8Page - Texas Instruments OPA655P Datasheet HTML 9Page - Texas Instruments OPA655P Datasheet HTML 10Page - Texas Instruments OPA655P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
OPA655
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RFB = 100Ω, and RL = 100Ω, unless otherwise noted. RFB = 0 for G = +1.
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
–3.0 –2.4 –1.8 –1.2 –0.6
0
0.6
1.2
1.8
2.4
3.0
V
CM (V)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
RECOMMENDED RESISTANCE
vs CAPACITIVE LOAD
0
10
20
30
40
5060
708090
100
Capacitive Load (pF)
35
30
25
20
15
10
5
G = +1
CL
RS
VIN
RISO
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
–3
–2
–1
0
1
2
3
Common-Mode Voltage (V)
80
75
70
65
60
55


Similar Part No. - OPA655P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655P BURR-BROWN-OPA655P Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA655P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com