Electronic Components Datasheet Search |
|
OPA643UB Datasheet(PDF) 3 Page - Texas Instruments |
|
OPA643UB Datasheet(HTML) 3 Page - Texas Instruments |
3 / 18 page ® OPA643 3 1 2 3 5 4 +V S Inverting Input Output –V S Non-Inverting Input 1 2 3 4 8 7 6 5 +V S2 (1) +V S1 Output –V S2 (1) NC Inverting Input Non-Inverting Input –V S1 The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. PIN CONFIGURATION Top View DIP/SO-8 ABSOLUTE MAXIMUM RATINGS Power Supply ( ±V S) ..................................................................... ±6.0VDC Internal Power Dissipation(1) .................................. See Thermal Analysis Differential Input Voltage .................................................................. ±1.2V Input Voltage Range ............................................................................ ±V S Storage Temperature Range: P, PB, U, UB, N, NB ..... –40 °C to +125°C Lead Temperature (soldering, 10s) .............................................. +300 °C (soldering, SO-8 3s) ....................................... +260 °C Junction Temperature (TJ ) ............................................................ +175°C NOTE: (1) Packages must be derated based on specified θ JA. Maximum TJ must be observed. NOTE: (1) Making use of all four power supply pins is highly recommended, although not required. Using these four pins, instead of just pins 4 and 7, will lower the power supply impedance improving distortion. SOT23-5 PACKAGE DRAWING TEMPERATURE PACKAGE ORDERING PRODUCT PACKAGE NUMBER(1) RANGE MARKING(2) NUMBER(3) OPA643U SO-8 Surface Mount 182 –40 °C to +85°C OPA643U OPA643U OPA643UB SO-8 Surface Mount 182 –40 °C to +85°C OPA643UB OPA643UB OPA643N 5-pin SOT23-5 331 –40 °C to +85°C A43 OPA643N-250 OPA643N-3k OPA643NB 5-pin SOT23-5 331 –40 °C to +85°C A43B OPA643NB-250 OPA643NB-3k OPA643P 8-Pin Plastic DIP 006 –40 °C to +85°C OPA643P OPA643P OPA643PB 8-Pin Plastic DIP 006 –40 °C to +85°C OPA643PB OPA643PB NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) The “B” grade of the SO-8 and DIP packages will be marked with a “B” by pin 8. The “B” grade of the SOT23-5 will be marked with a “B” near pins 3 and 4. (3) The SOT23-5 is only available on a 7" tape and reel (e.g. ordering 250 pieces of “OPA643N-250” will get a single 250 piece tape and reel. Ordering 3000 pieces of “OPA643N-3k” will get a single 3000 piece tape and reel). Please refer to Appendix B of Burr-Brown IC Data Book for detailed Tape and Reel Mechanical information. PACKAGE/ORDERING INFORMATION ELECTROSTATIC DISCHARGE SENSITIVITY Electrostatic discharge can cause damage ranging from per- formance degradation to complete device failure. Burr-Brown Corporation recommends that all integrated circuits be handled and stored using appropriate ESD protection methods. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet published speci- fications. |
Similar Part No. - OPA643UB |
|
Similar Description - OPA643UB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |