Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA640U Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA640U
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA640U Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA640U Datasheet HTML 6Page - Texas Instruments OPA640U Datasheet HTML 7Page - Texas Instruments OPA640U Datasheet HTML 8Page - Texas Instruments OPA640U Datasheet HTML 9Page - Texas Instruments OPA640U Datasheet HTML 10Page - Texas Instruments OPA640U Datasheet HTML 11Page - Texas Instruments OPA640U Datasheet HTML 12Page - Texas Instruments OPA640U Datasheet HTML 13Page - Texas Instruments OPA640U Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
OPA640
®
The OPA640’s output stage has been optimized to drive low
resistive loads. Capacitive loads, however, will decrease the
amplifier’s phase margin which may cause high frequency
peaking or oscillations. Capacitive loads greater than 2pF
should be buffered by connecting a small resistance, usually
5
Ω to 25Ω, in series with the output as shown in Figure 5.
This is particularly important when driving high capacitance
loads such as flash A/D converters. Increasing the gain from
+1 will improve the capacitive load drive due to increased
phase margin.
In general, capacitive loads should be minimized for opti-
the phase margin and avoid peaking by keeping the break
frequency of this zero sufficiently high. When high closed-
loop gains are required, a three-resistor attenuator (tee net-
work) is recommended to avoid using large value resistors
with large time constants.
SETTLING TIME
Settling time is defined as the total time required, from the
input signal step, for the output to settle to within the
specified error band around the final value. This error band
is expressed as a percentage of the value of the output
transition, a 2V step. Thus, settling time to 0.01% requires
an error band of
±200µV centered around the final value of
2V.
Settling time, specified in an inverting gain of one, occurs in
only 15ns to 0.01% for a 2V step, making the OPA640 one
of the fastest settling monolithic amplifiers commercially
available. Settling time increases with closed-loop gain and
output voltage change as described in the Typical Perform-
ance Curves. Preserving settling time requires critical atten-
tion to the details as mentioned under “Wiring Precautions.”
The amplifier also recovers quickly from input overloads.
Overload recovery time to linear operation from a 50%
overload is typically only 35ns.
In practice, settling time measurements on the OPA640
prove to be very difficult to perform. Accurate measurement
is next to impossible in all but the very best equipped labs.
Among other things, a fast flat-top generator and high speed
oscilloscope are needed. Unfortunately, fast flat-top genera-
tors, which settle to 0.01% in sufficient time, are scarce and
expensive. Fast oscilloscopes, however, are more commonly
available. For best results a sampling oscilloscope is recom-
mended. Sampling scopes typically have bandwidths that
are greater than 1GHz and very low capacitance inputs.
They also exhibit faster settling times in response to signals
that would tend to overload a real-time oscilloscope.
DIFFERENTIAL GAIN AND PHASE
Differential Gain (DG) and Differential Phase (DP) are
among the more important specifications for video applica-
tions. DG is defined as the percent change in closed-loop
gain over a specified change in output voltage level. DP is
defined as the change in degrees of the closed-loop phase
over the same output voltage change. Both DG and DP are
specified at the NTSC sub-carrier frequency of 3.58MHz.
DG and DP increase with closed-loop gain and output
voltage transition as shown in the Typical Performance
Curves. All measurements were performed using a Tektronix
model VM700 Video Measurement Set.
FIGURE 5. Driving Capacitive Loads.
OPA640
C
L
R
L
R
S
(R
S typically 5Ω to 25Ω)
mum high frequency performance. Coax lines can be driven
if the cable is properly terminated. The capacitance of coax
cable (29pF/foot for RG-58) will not load the amplifier
when the coaxial cable or transmission line is terminated in
its characteristic impedance.
COMPENSATION
The OPA640 is internally compensated and is stable in unity
gain with a phase margin of approximately 60
°. However,
the unity gain buffer is the most demanding circuit configu-
ration for loop stability and oscillations are most likely to
occur in this gain. If possible, use the device in a noise gain
of two or greater to improve phase margin and reduce the
susceptibility to oscillation. (Note that, from a stability
standpoint, an inverting gain of –1V/V is equivalent to a
noise gain of 2.) Gain and phase response for other gains are
shown in the Typical Performance Curves.
The high-frequency response of the OPA640 in a good
layout is very flat with frequency. However, some circuit
configurations such as those where large feedback resis-
tances are used, can produce high-frequency gain peaking.
This peaking can be minimized by connecting a small
capacitor in parallel with the feedback resistor. This capaci-
tor compensates for the closed-loop, high frequency, transfer
function zero that results from the time constant formed by
the input capacitance of the amplifier (typically 2pF after PC
board mounting), and the input and feedback resistors. The
selected compensation capacitor may be a trimmer, a fixed
capacitor, or a planned PC board capacitance. The capaci-
tance value is strongly dependent on circuit layout and
closed-loop gain. Using small resistor values will preserve


Similar Part No. - OPA640U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640U BURR-BROWN-OPA640U Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640UB BURR-BROWN-OPA640UB Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA640U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com