Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3110K33DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3110K33DBVRG4
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3110K33DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3110K33DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3110K33DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
RESET
GND
MR
V
DD
SENSE
WDI
3
2
4
6
1
5
RSTVDD
GND
MR
V
DD
SENSE
RSTSENSE
3
2
4
6
1
5
RESET
GND
MR
V
DD
PFI
PFO
3
2
4
6
1
5
TPS3103, TPS3106, TPS3110
www.ti.com
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
5 Available Options
DEVICE
RESET OUTPUT
RSTSENSE, RSTVDD OUTPUT
SENSE INPUT
WDI INPUT
PFO OUTPUT
TPS3103
Open-drain
Open-drain
TPS3106
Open-drain
TPS3110
Push-pull
6 Pin Configuration and Functions
TPS3103 DBV Package
TPS3106 DBV Package
6-Pin SOT-23
6-Pin SOT-23
Top View
Top View
TPS3110 DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS3103
TPS3106
TPS3110
GND
2
2
2
GND
Manual-reset input. Pull low to force a reset. RESET remains low as long as
MR
3
3
3
I
MR is low and for the time-out period after MR goes high. Leave
unconnected or connect to VDD when unused.
Power-fail input compares to 0.551 V with no additional delay. Connect to
PFI
4
I
VDD if not used.
PFO
5
O
Power-fail output. Goes high when voltage at PFI rises above 0.551 V.
RESET
1
1
O
Active-low reset output. Either push-pull or open-drain output stage.
Active-low reset output. Logic level at RSTSENSE only depends on the
RSTSENSE
5
O
voltage at SENSE and the status of MR.
Active-low reset output. Logic level at RSTVDD only depends on the voltage
RSTVDD
1
O
at VDD and the status of MR.
A reset is asserted if the voltage at SENSE is lower than 0.551 V. Connect
SENSE
4
4
I
to VDD if unused.
VDD
6
6
6
I
Supply voltage. Powers the device and monitors its own voltage.
Watchdog timer input. If WDI remains high or low longer than the time-out
WDI
5
I
period, then reset is triggered. The timer clears when reset is asserted or
when WDI sees a rising edge or a falling edge.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3103 TPS3106 TPS3110


Similar Part No. - TPS3110K33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3110K33DBVRG4 TI-TPS3110K33DBVRG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3110K33DBVRG4 TI-TPS3110K33DBVRG4 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110K33DBVRG4 TI-TPS3110K33DBVRG4 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110K33DBVRG4 TI-TPS3110K33DBVRG4 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110K33DBVRG4 TI1-TPS3110K33DBVRG4 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results

Similar Description - TPS3110K33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com