Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA635 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA635
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA635 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA635 Datasheet HTML 7Page - Texas Instruments OPA635 Datasheet HTML 8Page - Texas Instruments OPA635 Datasheet HTML 9Page - Texas Instruments OPA635 Datasheet HTML 10Page - Texas Instruments OPA635 Datasheet HTML 11Page - Texas Instruments OPA635 Datasheet HTML 12Page - Texas Instruments OPA635 Datasheet HTML 13Page - Texas Instruments OPA635 Datasheet HTML 14Page - Texas Instruments OPA635 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OPA634, OPA635
11
SBOS097A
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE FEEDBACK OPERATION
The OPA634 and OPA635 are unity-gain stable, very high-
speed voltage feedback op amps designed for single supply
operation (+3V to +10V). The input stage supports input
voltages below ground, and to within 1.2V of the positive
supply. The complementary common-emitter output stage
provides an output swing to within 30mV of ground and
140mV of the positive supply. They are compensated to
provide stable operation with a wide range of resistive loads.
The OPA635’s internal disable circuitry is designed to
minimize supply current when disabled.
Figure 1 shows the AC-coupled, gain of +2 configuration
used for the +5V Specifications and Typical Performance
Curves. For test purposes, the input impedance is set to 50
with a resistor to ground. Voltage swings reported in the
Specifications are taken directly at the input and output pins.
For the circuit of Figure 1, the total effective load on the
output at high frequencies is 150
Ω || 1500Ω. The disable pin
needs to be driven by a low impedance source, such as a
CMOS inverter. The 1.50k
Ω resistors at the non-inverting
input provide the common-mode bias voltage. Their parallel
combination equals the DC resistance at the inverting input,
(RF), minimizing the DC offset.
SINGLE SUPPLY ADC CONVERTER INTERFACE
The front page shows a DC-coupled, single-supply ADC
(Analog-to-Digital Converter) driver circuit. Many systems
are now requiring +3V supply capability of both the ADC
and its driver. The OPA635 provides excellent performance
in this demanding application. Its large input and output
voltage ranges, and low distortion, support converters such
as the ADS900 shown in this figure. The input level-shifting
circuitry was designed so that VIN can be between 0V and
0.5V, while delivering an output voltage of 1V to 2V for the
ADS900. Both the OPA635 and ADS900 have power reduc-
tion pins with the same polarity for those systems that need
to conserve power.
Figure 2 shows the DC-coupled, gain of +2 configuration
used for the +3V Specifications and Typical Performance
Curves. For test purposes, the input impedance is set to 50
with a resistor to ground. Though not strictly a “rail-to-rail”
design, these parts come very close, while maintaining
excellent performance. They will deliver
≈ 2.8Vp-p on a
single +3V supply with 70MHz bandwidth. The 374
Ω and
2.26k
Ω resistors at the input level-shift V
IN so that VOUT is
within the allowed output voltage range when VIN = 0. See
the typical performance curves for information on driving
capacitive loads.
FIGURE 1. AC-Coupled Signal—Resistive Load to Supply
Midpoint.
FIGURE 2. DC-Coupled Signal—Resistive Load to Supply
Midpoint.
OPA63x
+V
S = 5V
DIS (OPA635 only)
V
OUT
53.6
V
IN
1.50k
1.50k
R
L
150
+V
S
2
6.8
µF
+
0.1
µF
0.1
µF
0.1
µF
R
F
750
R
G
750
OPA63x
+V
S = 3V
DIS (OPA635 only)
V
OUT
57.6
V
IN
R
F
750
R
G
562
374
2.26k
R
L
150
+V
S
2
6.8
µF
+
0.1
µF
z


Similar Part No. - OPA635

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA635 BURR-BROWN-OPA635 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA635 TI1-OPA635 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA635 TI1-OPA635 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA635N BURR-BROWN-OPA635N Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
OPA635U BURR-BROWN-OPA635U Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA635

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA634 BURR-BROWN-OPA634 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com