Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA634 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA634
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA634 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA634 Datasheet HTML 2Page - Texas Instruments OPA634 Datasheet HTML 3Page - Texas Instruments OPA634 Datasheet HTML 4Page - Texas Instruments OPA634 Datasheet HTML 5Page - Texas Instruments OPA634 Datasheet HTML 6Page - Texas Instruments OPA634 Datasheet HTML 7Page - Texas Instruments OPA634 Datasheet HTML 8Page - Texas Instruments OPA634 Datasheet HTML 9Page - Texas Instruments OPA634 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
OPA634, OPA635
6
SBOS097A
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
5MHz 2nd-HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
1
0.1
4
R
L = 150Ω
R
L = 250Ω
R
L = 500Ω
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
5MHz 3rd-HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
1
0.1
4
R
L = 500Ω
R
L = 250Ω
R
L = 150Ω
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
10MHz 2nd-HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
1
0.1
4
R
L = 150Ω
R
L = 250Ω
R
L = 500Ω
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
10MHz 3rd-HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
1
0.1
4
R
L = 250Ω
R
L = 150Ω
R
L = 500Ω
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
20MHz 2nd-HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
1
0.1
4
R
L = 500Ω
R
L = 150Ω
R
L = 250Ω
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
20MHz 3rd-HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
1
0.1
4
R
L = 500Ω
R
L = 150Ω
R
L = 250Ω


Similar Part No. - OPA634

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA634 BURR-BROWN-OPA634 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA634 TI-OPA634 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA634 TI1-OPA634 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA634 TI1-OPA634 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA634 TI1-OPA634 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA634

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA634 BURR-BROWN-OPA634 Datasheet
179Kb / 17P
   Wideband, Single Supply OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com