Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3305-33DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3305-33DR
Description  DUAL PROCESSOR SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3305-33DR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3305-33DR Datasheet HTML 1Page - Texas Instruments TPS3305-33DR Datasheet HTML 2Page - Texas Instruments TPS3305-33DR Datasheet HTML 3Page - Texas Instruments TPS3305-33DR Datasheet HTML 4Page - Texas Instruments TPS3305-33DR Datasheet HTML 5Page - Texas Instruments TPS3305-33DR Datasheet HTML 6Page - Texas Instruments TPS3305-33DR Datasheet HTML 7Page - Texas Instruments TPS3305-33DR Datasheet HTML 8Page - Texas Instruments TPS3305-33DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS3305
SLVS198C – DECEMBER 1998 – REVISED MARCH 2008
Over operating junction temperature range (unless otherwise noted).
TPS3305-xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
2.7
6.0
V
TJ
Operating junction temperature range
–40
+85
°C
VDD = 2.7V to 6V,
VDD – 0.2V
V
IOH = –20µA
VOH
High-level output voltage
VDD = 3.3V, IOH = –2mA
VDD – 0.4V
V
VDD = 6V, IOH = –3mA
VDD – 0.4V
V
VDD = 2.7V to 6V,
0.2
V
IOL = 20µA
VOL
Low-level output voltage
VDD = 3.3V, IOL = 2mA
0.4
V
VDD = 6V, IOL = 3mA
0.4
V
Power-up reset voltage(1)
VDD ≥ 1.1V, IOL = 20µA
0.4
V
1.64
1.68
1.72
V
2.20
2.25
2.30
V
VSENSE1,
VDD = 2.7V to 6V,
VSENSE2
TA = 0°C to +85°C
2.86
2.93
3.0
V
4.46
4.55
4.64
V
Negative-going input threshold
VIT–
voltage(2)
1.64
1.68
1.73
V
2.20
2.25
2.32
V
VSENSE1,
VDD = 2.7V to 6V,
VSENSE2
TA = –40°C to +85°C
2.86
2.93
3.02
V
4.46
4.55
4.67
V
VIT–= 1.68V
15
mV
VIT– = 2.25V
20
mV
Vhys
Hysteresis at VSENSEn input
VIT– = 2.93V
30
mV
VIT– = 4.55V
40
mV
WDI = VDD = 6V
IH(AV)
Average high-level input current
WDI
100
150
µA
Time average (dc = 88%)
WDI = 0V, VDD = 6V
IL(AV)
Average low-level input current
WDI
–15
–20
µA
Time average (dc = 12%)
VIH
High-level input voltage at MR and WDI
0.7 x VDD
V
VIL
Low-level input voltage at MR and WDI
0.3 x VDD
V
Δt / ΔV
Input transition rise and fall rate at MR
50
ns/V
WDI
WDI = VDD = 6V
120
170
µA
MR
MR = 0.7
× V
DD, VDD = 6V
–130
–180
µA
IH
High-level input current
SENSE1
VSENSE1 = VDD = 6V
5
8
µA
SENSE2
VSENSE2 = VDD = 6V
6
9
µA
WDI
WDI = 0V, VDD = 6V
–120
–170
µA
IL
Low-level input current
MR
MR = 0V, VDD = 6V
–430
–600
µA
SENSEn
VSENSE1,2 = 0V
–1
1
µA
IDD
Supply current
40
µA
CI
Input capacitance
VI = 0V to VDD
10
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥15 µs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (0.1
µF ceramic) should be placed close to the supply terminals.
Copyright © 1998–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS3305


Similar Part No. - TPS3305-33DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-33D TI-TPS3305-33D Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-33DGN TI-TPS3305-33DGN Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
More results

Similar Description - TPS3305-33DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13305 AD-ADM13305 Datasheet
312Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com