Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA606KM Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA606KM
Description  OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA606KM Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA606KM Datasheet HTML 2Page - Texas Instruments OPA606KM Datasheet HTML 3Page - Texas Instruments OPA606KM Datasheet HTML 4Page - Texas Instruments OPA606KM Datasheet HTML 5Page - Texas Instruments OPA606KM Datasheet HTML 6Page - Texas Instruments OPA606KM Datasheet HTML 7Page - Texas Instruments OPA606KM Datasheet HTML 8Page - Texas Instruments OPA606KM Datasheet HTML 9Page - Texas Instruments OPA606KM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
®
OPA606
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VCC = ±15V unless otherwise noted.
APPLICATIONS INFORMATION
OFFSET VOLTAGE ADJUSTMENT
The OPA606 offset voltage is laser-trimmed and will require
no further trim for most applications. As with most amplifi-
ers, externally trimming the remaining offset can change
drift performance by about 0.5
µV/°C for each millivolt of
adjusted offset. Note that the trim (Figure 1) is similar to
operational amplifiers such as LF156 and OP-16. The
OPA606 can replace most other amplifiers by leaving the
external null circuit unconnected.
FIGURE 1. Offset Voltage Trim.
SETTLING TIME vs CLOSED-LOOP GAIN
10
8
6
4
2
0
Closed-Loop Gain (V/V)
1
10
100
1k
TOTAL HARMONIC DISTORTION
vs FREQUENCY
0.01
0.008
0.006
0.004
0.002
0
Frequency (Hz)
100
1k
10k
100k
Test Equipment
Limit
G = +1
V
O = 7Vrms
+80
0
–80
0.5
01
+40
+40
SMALL SIGNAL TRANSIENT RESPONSE
Time (µs)
LARGE SIGNAL TRANSIENT RESPONSE
Time (µs)
+15
0
–15
2.5
05
100k
2
3
1
+V
CC
4
7
NOTE: (1) 10k
Ω to 1MΩ
Trim Potentiometer
(100k
Ω Recommended)
–V
CC
5
6
(1)
OPA606
±50mV Typical
Trim Range


Similar Part No. - OPA606KM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA606KM BURR-BROWN-OPA606KM Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA606KM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com