Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3305-33DGNG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3305-33DGNG4
Description  DUAL PROCESSOR SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3305-33DGNG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3305-33DGNG4 Datasheet HTML 2Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 3Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 4Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 5Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 6Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 7Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 8Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 9Page - Texas Instruments TPS3305-33DGNG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
4
0
−6
−10
−0.5 0 0.5
1
2.5
3 3.5
8
14
18
4
5
6
7
16
12
10
6
2
−2
−4
−8
1.5
2
4.5
5.5
6.5
V
-SupplyVoltage-V
DD
TPS3305-33
SENSEn=V
DD
MR =Open
T =+25
J
C
°
1
0.999
0.997
0.995
−40
−15
10
35
1.002
1.003
1.005
60
85
1.004
1.001
0.998
0.996
T -JunctionTemperature- C
J
°
V
=6V
DD
MR =Open
5
4
2
0
7
9
10
0
100
200
300
400
500
600
700
800
900 1000
8
6
3
1
SENSE-ThresholdOverdrive-mV
V
DD =6V
MR =Open
−400
−500
−700
−900
−1 −0.5
0
1 1.5
2.5
3
−200
−100
100
3.5
4
5.5
6.5
0
−300
−600
−800
0.5
2
4.5
5
6
V -InputVoltageat
-V
I
MR
V
DD =6V
T =+25
J
C
°
TPS3305
SLVS198C – DECEMBER 1998 – REVISED MARCH 2008
NORMALIZED SENSE THRESHOLD VOLTAGE
SUPPLY CURRENT
vs
vs
JUNCTION TEMPERATURE AT VDD
SUPPLY VOLTAGE
Figure 1.
Figure 2.
INPUT CURRENT
MINIMUM PULSE DURATION AT SENSE
vs
vs
INPUT VOLTAGE AT MR
THRESHOLD OVERDRIVE
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 1998–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3305


Similar Part No. - TPS3305-33DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-33DGN TI-TPS3305-33DGN Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
More results

Similar Description - TPS3305-33DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13305 AD-ADM13305 Datasheet
312Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com