Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8531TY Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8531TY
Description  11.3 Gbps Limiting Transimpedance Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8531TY Datasheet(HTML) 8 Page - Texas Instruments

Back Button ONET8531TY Datasheet HTML 4Page - Texas Instruments ONET8531TY Datasheet HTML 5Page - Texas Instruments ONET8531TY Datasheet HTML 6Page - Texas Instruments ONET8531TY Datasheet HTML 7Page - Texas Instruments ONET8531TY Datasheet HTML 8Page - Texas Instruments ONET8531TY Datasheet HTML 9Page - Texas Instruments ONET8531TY Datasheet HTML 10Page - Texas Instruments ONET8531TY Datasheet HTML 11Page - Texas Instruments ONET8531TY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
0
50
100
150
200
250
300
0
200
400
600
800
1000
I
-InputCurrent- A
IN
m
P-P
0
2
4
6
8
10
12
14
16
18
20
0
200 400 600 800 1000 1200 1400 160018002000
I
-InputCurrent- A
IN
m
P-P
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
f-Frequency-MHz
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
1200
AverageInputCurrent- A
m
ONET8531T
SLLS891B
– FEBRUARY 2008 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical operating condition is at VCC = +3.3V and TA = +25°C (unless otherwise noted).
OUTPUT VOLTAGE
DETERMINISTIC JITTER
vs
vs
INPUT CURRENT
INPUT CURRENT
Figure 7.
Figure 8.
RSSI_IB OUTPUT CURRENT
POWER SUPPLY NOISE REJECTION
vs
vs
AVERAGE INPUT CURRENT
FREQUENCY
Figure 9.
Figure 10.
8
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - ONET8531TY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531TY TI-ONET8531TY Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TY TI1-ONET8531TY Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TYS TI-ONET8531TYS Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TYS TI1-ONET8531TYS Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TYS9 TI1-ONET8531TYS9 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results

Similar Description - ONET8531TY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com