Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3618-50 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3618-50
Description  BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3618-50 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3618-50 Datasheet HTML 1Page - Texas Instruments TPS3618-50 Datasheet HTML 2Page - Texas Instruments TPS3618-50 Datasheet HTML 3Page - Texas Instruments TPS3618-50 Datasheet HTML 4Page - Texas Instruments TPS3618-50 Datasheet HTML 5Page - Texas Instruments TPS3618-50 Datasheet HTML 6Page - Texas Instruments TPS3618-50 Datasheet HTML 7Page - Texas Instruments TPS3618-50 Datasheet HTML 8Page - Texas Instruments TPS3618-50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
VIT
VBAT
VDD
VOUT
RESET
td
t
t
t
td
TPS3617
TPS3618
SLVS339D – DECEMBER 2000 – REVISED DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
1.65 V
≤ V
DD≤ 5.5 V, RLRESET = 1 MΩ, CLRESET = 50 pF, over operating temperature range (TJ = –40°C to +85°C), unless
otherwise noted. Typical values are at T
J = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ci
Input capacitance, any input
VI = 0 V to 5 V
5
pF
VDD
VIH = VIT + 0.2 V, VIL = VIT– 0.2 V
6
µs
tw
Pulse Width
VDD > VIT + 0.2 V, VIL = 0.3 x VDD,
WDI
100
ns
VIH = 0.7 x VDD
td
VDD ≥ VIT + 0.2 V,
Delay time
60
100
140
ms
See timing diagram
t(tout)
VDD > VIT + 0.2 V,
Watchdog time-out
0.48
0.8
1.12
s
See timing diagram
VIL = VIT– 0.2 V,
VDD to RESET
2
5
VIH = VIT + 0.2 V
Propagation (delay) time,
tPHL
µs
high-to-low-level output
VIL = VPFI– 0.2 V,
PFI to PFO
3
5
VIH = VPFI + 0.2 V
Transition time
VDD to VBAT
3
µs
TIMING DIAGRAM
Table 1. FUNCTION TABLE
VDD > VIT
VDD > VBAT
VOUT
RESET
0
0
VBAT
0
0
1
VDD
0
1
0
VDD
1
1
1
VDD
1
4
Submit Documentation Feedback


Similar Part No. - TPS3618-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610 TI1-TPS3610 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PW TI-TPS3610T50PW Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PW TI1-TPS3610T50PW Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3618-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com