Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3511D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3511D
Description  PC POWER SUPPLY SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3511D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3511D Datasheet HTML 2Page - Texas Instruments TPS3511D Datasheet HTML 3Page - Texas Instruments TPS3511D Datasheet HTML 4Page - Texas Instruments TPS3511D Datasheet HTML 5Page - Texas Instruments TPS3511D Datasheet HTML 6Page - Texas Instruments TPS3511D Datasheet HTML 7Page - Texas Instruments TPS3511D Datasheet HTML 8Page - Texas Instruments TPS3511D Datasheet HTML 9Page - Texas Instruments TPS3511D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS3510,TPS3511
PC POWER SUPPLY SUPERVISORS
SLVS312A – JULY 2000 – REVISED DECEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
power supply remote on/off (PSON) and fault protect output (FPO)(continued)
When the FPO signal is held high due to an occurring fault condition, the fault status is latched and the outputs
of the main power rails should not deliver current but are held at 0 V. Toggling the power supply remote on/off
(PSON) from low to high resets the fault-protection latch. During this fault condition only the standby power is
not affected.
When PSON goes from high to low or low to high, the 38-ms debounce block is active to avoid a glitch on the
input that disables/enables the FPO output. During this period the under-voltage function is disabled for 75 ms
to prevent turnon failure. At turnoff, there is an additional delay of 2.3 ms from PSON to FPO.
Power should be delivered to the rails only if the PSON signal is held at ground potential, thus FPO is active-low.
The FPO pin can be connected to 5 V (or up to 15 V) through a pullup resistor.
undervoltage protection
The TPS3510/1 provides under-voltage protection (UVP) for the 3.3-V and 5-V rails. When an undervoltage
condition appears at either one of the 3.3-V (VS33) or 5-V (VS5) input pins for more than 146
µs, the FPO output
goes high and PGO goes low. Also, this fault condition is latched until PSON is toggled from low to high or VDD
is removed.
The need for undervoltage protection is often overlooked in off-line switching power supply system design. But
it is very important in battery-powered or hand-held equipment since the TTL or CMOS logic often results in
malfunction.
In flyback or forward-type off-line switching power supplies, usually designed for low power, the overload
protection design is very simple. Most of these types of power supplies are only sensing the input current for
an overload condition. The trigger point needs to be set much higher than the maximum load in order to prevent
false turnon.
However, this causes one critical problem. If the connected load is larger than the maximum allowable load but
smaller than the trigger point, the system always becomes overheated with failure and damage occurring.
overvoltage protection
The overvoltage protection (OVP) of TPS3510/1 monitors 3.3 V, 5 V, and 12 V (12 V is sensed via the VDD pin).
When an overvoltage condition appears at one of the 3.3-V, 5-V, or 12-V input pins for more than 73
µs, the FPO
output goes high and PGO goes low. Also, this fault condition is latched until PSON is toggled from low to high
or VDD is removed. During fault conditions, most power supplies have the potential to deliver higher output
voltages than those normally specified or required. In unprotected equipment, it is possible for output voltages
to be high enough to cause internal or external damage of the system. To protect the system under these
abnormal conditions, it is common practice to provide overvoltage protection within the power supply.
Because TTL and CMOS circuits are very vulnerable to overvoltages, it is becoming industry standard to provide
overvoltage protection on all 3.3-V and 5-V outputs. However, not only the 3.3-V and 5-V rails for the logic circuits
on the motherboard need to be protected, but also the 12-V peripheral devices such as the hard disk, floppy
disk, and CD-ROM players etc., need to be protected.
short-circuit power supply turnon
During safety testing the power supply might have tied the output voltage direct to ground. If this happens during
the normal operating, this is called a short-circuit or over-current condition. When it happens before the power
supply turns on, this is called a short-circuit power supply turnon. It can happen during the design period, in the
production line, at quality control inspection or at the end user. The TPS3510/1 provides an undervoltage
protection function with a 75-ms delay after PSON is set low.


Similar Part No. - TPS3511D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3511D TI-TPS3511D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3511D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com