Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1191P Datasheet(PDF) 7 Page - Texas Instruments

Part # ONET1191P
Description  11.3-Gbps Limiting Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1191P Datasheet(HTML) 7 Page - Texas Instruments

Back Button ONET1191P_16 Datasheet HTML 3Page - Texas Instruments ONET1191P_16 Datasheet HTML 4Page - Texas Instruments ONET1191P_16 Datasheet HTML 5Page - Texas Instruments ONET1191P_16 Datasheet HTML 6Page - Texas Instruments ONET1191P_16 Datasheet HTML 7Page - Texas Instruments ONET1191P_16 Datasheet HTML 8Page - Texas Instruments ONET1191P_16 Datasheet HTML 9Page - Texas Instruments ONET1191P_16 Datasheet HTML 10Page - Texas Instruments ONET1191P_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
VID − Differential Input Voltage − mVpp
0
1
2
3
4
5
6
7
8
9
10
0
400
800
1200
1600
2000
G006
VID − Differential Input Voltage − mVpp
0
1
2
3
4
10-27
100
10-3
10-6
10-12
10-15
10-18
10-21
10-24
G005
10-9
VID − Differential Input Voltage − mVpp
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
50
60
70
80
90
100
G007
0
50
100
150
200
250
300
350
400
0
10
20
30
40
50
60
70
80
90
100
LOS Deassert Voltage
LOS Assert Voltage
G008
RTH − Threshold Resistance − kΩ
ONET1191P
SLLS754 – SEPTEMBER 2006
TYPICAL OPERATION CHARACTERISTICS (continued)
Typical operating condition is at V
CC = 3.3 V, TA = 25°C, and RVAR = open (unless otherwise noted)
BIT-ERROR RATIO
DETERMINISTIC JITTER
vs
vs
INPUT AMPLITUDE (11.3 GBPS)
INPUT AMPLITUDE
Figure 7.
Figure 8.
RANDOM JITTER
LOS ASSERT/DEASSERT VOLTAGE
vs
vs
INPUT AMPLITUDE
THRESHOLD RESISTANCE
Figure 9.
Figure 10.
7
Submit Documentation Feedback


Similar Part No. - ONET1191P_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191PRGTR TI-ONET1191PRGTR Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1191PRGTT TI-ONET1191PRGTT Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results

Similar Description - ONET1191P_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com