Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3513N Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3513N
Description  PC POWER SUPPLY SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3513N Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3513N Datasheet HTML 7Page - Texas Instruments TPS3513N Datasheet HTML 8Page - Texas Instruments TPS3513N Datasheet HTML 9Page - Texas Instruments TPS3513N Datasheet HTML 10Page - Texas Instruments TPS3513N Datasheet HTML 11Page - Texas Instruments TPS3513N Datasheet HTML 12Page - Texas Instruments TPS3513N Datasheet HTML 13Page - Texas Instruments TPS3513N Datasheet HTML 14Page - Texas Instruments TPS3513N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
VDD = 4 V
PSON = GND
2
1
0
0
25
50
75
100
150
3
4
125
IOL − Low-Level Output Current − mA
TA = −40°C
TA = 0°C
TA = 85°C
TA = 25°C
400
200
0
0
5
10
15
20
600
IOL − Low-Level Output Current − mA
TA = −40°C
TA = 85°C
TA = 25°C
VDD = 4 V
PSON = GND
Exploded View
TA = 0°C
300
100
500
7.95
7.96
7.97
7.98
7.99
8
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − °C
RI = 30 kΩ
I(IS5)
I(ref)
0.994
−40
−15
10
35
0.996
0.997
0.999
60
85
0.998
0.995
TA − Free-Air Temperature − °C
1.001
1
VDD = 4 V
PSON = GND
TPS3513
www.ti.com
SLVS313B – FEBRUARY 2001 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE (PGO)
LOW-LEVEL OUTPUT VOLTAGE (PGO)
vs
vs
LOW-LEVEL OUTPUT CURRENT (PGO)
LOW-LEVEL OUTPUT CURRENT (PGO)
Figure 8.
Figure 9.
NORMALIZED SENSE THRESHOLD VOLTAGE
CURRENT RATIO
vs
vs
FREE-AIR TEMPERATURE AT VDD
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS3513


Similar Part No. - TPS3513N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3513N TI-TPS3513N Datasheet
266Kb / 15P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3513N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com