Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1130EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EP
Description  11.7 Gbps Transceiver with Modulator Driver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EP Datasheet(HTML) 4 Page - Texas Instruments

  ONET1130EP Datasheet HTML 1Page - Texas Instruments ONET1130EP Datasheet HTML 2Page - Texas Instruments ONET1130EP Datasheet HTML 3Page - Texas Instruments ONET1130EP Datasheet HTML 4Page - Texas Instruments ONET1130EP Datasheet HTML 5Page - Texas Instruments ONET1130EP Datasheet HTML 6Page - Texas Instruments ONET1130EP Datasheet HTML 7Page - Texas Instruments ONET1130EP Datasheet HTML 8Page - Texas Instruments ONET1130EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
ONET1130EP
SLLSEO4A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
NUMBER
NAME
Type
DESCRIPTION
2-wire interface serial data input. Requires an external 4.7-k
Ω to10-kΩ pull-up resistor
SDA
17
Digital-in/out
to VCC. This pin is 3.3-V tolerant.
2-wire interface serial clock input. Requires an external 4.7-k
Ω to10-kΩ pull-up
SCK
18
Digital-in
resistor to VCC. This pin is 3.3-V tolerant.
Disables both bias and modulation currents when set to high state. Includes a 250-k
Ω
pull-up resistor to VCC. Requires an external 4.7 k
Ω to 10 kΩ pull-up resistor to VCC
TX_DIS
32
Digital-in
for proper operation Toggle to reset a fault condition. This is an ORed function with
the TXBIASEN bit (bit 2 in register 1). This pin is 3.3-V tolerant.
Non-inverted transmitter data input. On-chip differentially 100
Ω terminated to TXIN–.
TXIN+
4
Analog-in
Must be AC coupled.
Inverted transmitter data input. On-chip differentially 100
Ω terminated to TXIN+. Must
TXIN–
5
Analog-in
be AC coupled.
Transmitter fault detection flag. High level indicates that a fault has occurred. Open
TX_FLT
31
Digital-out
drain output. Requires an external 4.7 k
Ω to 10 kΩ pull-up resistor to VCC for proper
operation. This pin is 3.3-V tolerant.
Inverted transmitter data output. Internally terminated in single-ended operation
TXOUT–
12
CML-out
mode.
TXOUT+
13
CML-out
Non-Inverted transmitter data output.
VCC_RX
27, 30
Supply
2.5 V ± 5% supply for the receiver.
VCC_TX
11, 14
Supply
2.5 V ± 5% supply for the transmitter.
VDD
15
Supply
2.5 V ± 5% supply for the digital circuitry.
Exposed Pad
EP
Exposed die pad. Solder to the PCB.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EP


Similar Part No. - ONET1130EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
More results

Similar Description - ONET1130EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
   11.1 Gbps Modulator Driver IC
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
   10 Gbps EA Modulator Driver IC
logo
Analog Devices
ADN2849 AD-ADN2849 Datasheet
1Mb / 10P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
logo
Qorvo, Inc
TGA4826-SM QORVO-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4826-SM TRIQUINT-TGA4826-SM Datasheet
389Kb / 1P
   10 Vpp 15 Gbps Optical Modulator Driver
logo
Agere Systems
LG1626DXC AGERE-LG1626DXC Datasheet
264Kb / 10P
   LG1626DXC Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com