Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3103E15DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3103E15DBVT
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3103E15DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3103E15DBVT Datasheet HTML 1Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 2Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 3Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 4Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 5Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 6Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 7Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 8Page - Texas Instruments TPS3103E15DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS3106K33DBV
V
DD
RSTVDD
RSTSENSE
GND
SENSE
R1
R2
GND
V
CORE
V
IO
RESET
R3
DSP
3.3 V
1.6 V
GND
MR
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3103, TPS3106, TPS3110
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
TPS3103, TPS3106, TPS3110 Ultralow Supply-Current Voltage Monitor
With Optional Watchdog
1 Features
3 Description
The TPS310x and TPS311x families of supervisory
1
Precision Supply Voltage Supervision Range:
circuits
provide
circuit
initialization
and
timing
0.9 V, 1.2 V, 1.5 V, 1.6 V, 2 V, and 3.3 V
supervision, primarily for DSP and processor-based
High Trip-Point Accuracy: 0.75%
systems.
Supply Current of 1.2
μA (Typical)
During power-on, RESET is asserted low when the
RESET Defined With Input Voltages as Low as
supply voltage (VDD) becomes higher than 0.4 V.
0.4 V
Thereafter, the supervisory circuit monitors VDD and
keeps the RESET output low as long as VDD remains
Power-On Reset Generator With a Delay Time of
below the threshold voltage (VIT–). To ensure proper
130 ms
system reset, after VDD surpasses the threshold
Push/Pull or Open-Drain RESET Outputs
voltage, an internal timer delays the transition of the
Package Temperature Range: –40°C to 85°C
RESET signal from low to high for the specified time.
When VDD drops below VIT–, the output transitions low
2 Applications
again.
Applications Using Low-Power DSPs,
All the devices of this family have a fixed-sense
Microcontrollers, or Microprocessors
threshold voltage (VIT–) set by an internal voltage
divider.
Portable and Battery-Powered Equipment
Intelligent Instruments
The TPS3103 and TPS3106 devices have an active-
low,
open-drain
RESET
output
and
either
an
Wireless Communication Systems
integrated power-fail input (PFI) or SENSE input with
Industrial Equipment
corresponding outputs for monitoring other voltages.
Notebook and Desktop Computers
The TPS3110 has an active-low push/pull RESET
and a watchdog timer to monitor the operation of
Typical Application Schematic
microprocessors. All three devices have a manual
reset pin that can be used to force the outputs low
regardless of the sensed voltages.
The product spectrum is designed for supply voltages
of 0.9 V up to 3.3 V. The circuits are available in 6-pin
SOT-23
packages.
The
TPS31xx
family
is
characterized for operation over a temperature range
of –40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3103xxx
TPS3106xxx
SOT-23 (6)
2.90 mm × 1.60 mm
TPS3110xxx
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3103E15DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103E15DBVT TI-TPS3103E15DBVT Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E15DBVT TI-TPS3103E15DBVT Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E15DBVT TI-TPS3103E15DBVT Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E15DBVT TI1-TPS3103E15DBVT Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E15DBVTG4 TI-TPS3103E15DBVTG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
More results

Similar Description - TPS3103E15DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com