Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3103E12DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3103E12DBVT
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3103E12DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3103E12DBVT Datasheet HTML 3Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 4Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 5Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 6Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 7Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 8Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 9Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 10Page - Texas Instruments TPS3103E12DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
t
D
t
D
t
D
t
D
V
DD
V
IT-
0.4 V
Output Condition
Undefined
t
t
t
Output Condition
Undefined
RESET
MR
TPS3103, TPS3106, TPS3110
www.ti.com
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
7.6 Timing Requirements
At RL = 1 MΩ, CL = 50 pF, and TA = –40°C to 85°C, unless otherwise noted.
MIN
TYP
MAX
UNIT
tT(OUT)
Time-out period
at WDI
VDD ≥ 0.85 V
0.55
1.1
1.65
s
at VDD
VIH = 1.1 × VIT–, VIL = 0.9 × VIT–, VIT– = 0.86 V
20
at MR
VDD ≥ VIT– + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.1
tW
Pulse width
at SENSE
VDD ≥ VIT–, VIH = 1.1 × VIT − (S), VIL = 0.9 × VIT − (S)
20
μs
at PFI
VDD ≥ 0.85 V, VIH = 1.1 × VIT − (S),VIL = 0.9 × VIT − (S)
20
at WDI
VDD ≥ VIT–, VIL = 0.3 × VDD, VIH = 0.7 × VDD
0.3
7.7 Switching Characteristics
At RL = 1 MΩ, CL = 50 pF, and TA = –40°C to 85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ 1.1 × VIT–, MR = 0.7 × VDD.
tD
Delay time
65
130
195
ms
See Timing Requirements.
Propagation delay time,
VDD to RESET or
tPHL(VDD)
VIH = 1.1 × VIT–, VIL = 0.9 × VIT–
40
μs
high-to-low level output
RSTVDD delay
Propagation delay time,
SENSE to RESET or
tPHL(SENSE)
VDD ≥ 0.8 V, VIH = 1.1 × VIT–, VIL = 0.9 × VIT–
40
μs
high-to-low level output
RSTSENSE delay
Propagation delay time,
tPHL(PFO)
PFI to PFO delay
VDD ≥ 0.8 V, VIH = 1.1 × VIT–, VIL = 0.9 × VIT–
40
μs
high-to-low level output
Propagation delay time,
tPLH(PFO)
PFI to PFO delay
VDD ≥ 0.8 V, VIH = 1.1 × VIT–, VIL = 0.9 × VIT–
300
μs
low-to-high level output
MR to RESET.
Propagation delay time,
tPHL(MR)
RSTVDD,
VDD ≥ 1.1 × VIT–, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
5
μs
high-to-low level output
RSTSENSE delay
Figure 1. RESET Timing Diagram for TPS3103
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3103 TPS3106 TPS3110


Similar Part No. - TPS3103E12DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103E12DBVT TI-TPS3103E12DBVT Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12DBVT TI-TPS3103E12DBVT Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVT TI-TPS3103E12DBVT Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVT TI1-TPS3103E12DBVT Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVTG4 TI-TPS3103E12DBVTG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
More results

Similar Description - TPS3103E12DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com