Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY328Z5A Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BY328Z5A
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY328Z5A Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BY328Z5A Datasheet HTML 1Page - Diode Semiconductor Korea BY328Z5A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
10
8
20
40
60 80 100
0
TJ=125
8.3ms Single Half
Sine-Wave
15
30
45
60
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300uS
1.0
10
1
.1
.2
4
2
6
20
40
60
200
100
20
2
10
100
40
TJ=25
f=1MHz
4
.4
1.0
2.0
3.0
4.0
5.0
25
50
125
175
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
200
75
150
100
6.0
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
BY328
SETTIMEBASEFOR200 ns /cm
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.4--TYPICAL JUNCTION CAPACITANCE
FIG.5--PEAK FORWARD SURGE CURRENT
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 -- FORWARD DERATING CURVE
FIG.2 --TYPICAL FORWARD CHARACTERISTIC
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60 Hz
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - BY328Z5A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 30
logo
Shenzhen Luguang Electr...
BY328 LUGUANG-BY328 Datasheet
176Kb / 2P
   Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
   Damper diode
More results

Similar Description - BY328Z5A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com