Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA454AIDDARG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA454AIDDARG4
Description  High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA454AIDDARG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA454AIDDARG4 Datasheet HTML 1Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 2Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 3Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 4Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 5Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 6Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 7Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 8Page - Texas Instruments OPA454AIDDARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1
2
3
4
8
7
6
5
E/D (Enable/Disable)
V+
OUT
Status Flag
E/D Com (Enable/Disable Common)
-IN
+IN
V-
PowerPAD
Heat Sink
(Located on
bottom side)
(1)
3
OPA454
www.ti.com
SBOS391B – DECEMBER 2007 – REVISED MARCH 2016
Product Folder Links: OPA454
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Device Comparison Table
(1)
The OPA445 is pin-compatible with the OPA454, except in applications using the offset trim, and NC
pins other than open.
PRODUCT
DESCRIPTION
OPA445 (1)
80 V, 15 mA
OPA452
80 V, 50 mA
OPA547
60 V, 750 mA
OPA548
60 V, 3 A
OPA549
60 V, 9 A
OPA551
60 V, 200 mA
OPA567
5 V, 2 A
OPA569
5 V, 2.4 A
6 Pin Configuration and Functions
DDA PACKAGE
8-Pin SO PowerPAD
Top View
(1)
PowerPAD is internally connected to V–. Soldering the PowerPAD to the printed-circuit board (PCB) is always
required, even with applications that have low power dissipation.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
E/D (Enable/Disable)
8
I
Enable/Disable
E/D Com
1
I
Enable/Disable common
–IN
2
I
Inverting input
+IN
3
I
Noninverting input
OUT
6
O
Output
Status Flag
5
O
The Status Flag is an open-drain active-low output referenced to E/D Com. This
pin goes active for either an overcurrent or overtemperature condition.
V–
4
Negative (lowest) power supply
V+
7
Positive (highest) power supply


Similar Part No. - OPA454AIDDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA454AIDDAR TI-OPA454AIDDAR Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
More results

Similar Description - OPA454AIDDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA462 TI1-OPA462 Datasheet
1Mb / 20P
[Old version datasheet]   High-Voltage (180-V), High-Current (30-mA) Operational Amplifier
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com