Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA454AIDDAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA454AIDDAR
Description  High-Voltage (100-V), High-Current (50-mA) Operational Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA454AIDDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA454AIDDAR Datasheet HTML 3Page - Texas Instruments OPA454AIDDAR Datasheet HTML 4Page - Texas Instruments OPA454AIDDAR Datasheet HTML 5Page - Texas Instruments OPA454AIDDAR Datasheet HTML 6Page - Texas Instruments OPA454AIDDAR Datasheet HTML 7Page - Texas Instruments OPA454AIDDAR Datasheet HTML 8Page - Texas Instruments OPA454AIDDAR Datasheet HTML 9Page - Texas Instruments OPA454AIDDAR Datasheet HTML 10Page - Texas Instruments OPA454AIDDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
0
5
10
15
20
25
Peak I (mA)
L
140
130
120
110
100
90
80
70
60
V = 50V
±
S
V = 15V
±
S
V = 4V
±
S
-75
-50
-25
0
25
50
75
100
125
Exposed Thermal Pad Temperature ( C)
°
140
130
120
110
100
90
80
70
60
50
R
= 48kW
LOAD
V
= 49V (dc)
±
OUT
I
= 1mA
±
OUT
R = 1.88kW
L
V
= +47V,
OUT
-48V (dc)
I
= 25mA
±
OUT
R = 900W
L
V
= +45V, 47V (dc)
-
OUT
I
= 50mA to 52mA
OUT
-
R = 4.8kW
L
OUT
OUT
V
= +48V, 49V (dc)
I
= +9.9mA to 10mA
-
-
-75
0
-50
-25
50
75
100
125
Exposed Thermal Pad Temperature ( C)
°
3.8
3.6
3.4
3.2
3.0
2.2
2.0
25
C = 30pF, 100pF, and 200pF
L
V
= 45V
CM
V
= 45V
-
CM
V
= 0V
CM
2.8
2.6
2.4
1
1k
10
100
100k
1M
10M
Frequency (Hz)
1M
100k
10k
1k
100
1
10k
10
0.1
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
180
160
140
120
100
80
60
40
20
0
-20
R
= 4.87kW
LOAD
C
= 50pF
V
= 0V
LOAD
CM
Phase
Gain
-75
0
-50
-25
50
75
100
125
Exposed Thermal Pad Temperature ( C)
°
70
65
60
55
50
45
40
25
C = 200pF
L
C = 30pF
L
C = 100pF
L
V
= 0V
CM
V
= 45V
-
CM
V
= +45V
CM
7
OPA454
www.ti.com
SBOS391B – DECEMBER 2007 – REVISED MARCH 2016
Product Folder Links: OPA454
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
At TP = 25°C, VS = ±50 V, and RL = 4.8 kΩ connected to GND, unless otherwise noted.
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Phase Margin vs Temperature
Figure 3. Unity-Gain Bandwidth vs Temperature
Figure 4. Open-Loop Output Impedance vs Frequency
Figure 5. Open-Loop Gain vs Peak-Load Current
Figure 6. Open-Loop Gain vs Temperature


Similar Part No. - OPA454AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA454AIDDAR TI-OPA454AIDDAR Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
More results

Similar Description - OPA454AIDDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA462 TI1-OPA462 Datasheet
1Mb / 20P
[Old version datasheet]   High-Voltage (180-V), High-Current (30-mA) Operational Amplifier
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com