Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA354AQDBVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA354AQDBVRQ1
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA354AQDBVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA354AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments OPA354AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Frequency (Hz)
100M
10M
1M
1G
100k
3
0
-3
-6
-9
-12
-15
C
L = 47pF, RS = 140W
C
L = 100pF, RS = 120W
C
L = 5.6pF, RS = 0W
G = +1
V
O = 0.1VPP
OPA354-Q1
C
L
R
S
V
IN
V
O
1kW
Frequency (Hz)
10k
100k
1M
10M
100M
1G
100
80
60
40
20
0
PSRR-
PSRR+
CMRR
Frequency (Hz)
10M
1M
100M
1G
100k
9
6
3
0
-3
-6
-9
-12
-15
C
L = 100pF
C
L = 47pF
C
L = 5.6pF
G = +1
V
O = 0.1VPP
R
S = 0W
Capacitive Load (pF)
100
10
1k
1
160
140
120
100
80
60
40
20
0
OPA354-Q1
C
L
R
S
V
IN
V
O
1kW
For 0.1dB
Flatness
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
R
L = 10kW
R
L = 100W
R
L = 1kW
R
L = 50W
G = +1
R
F = 0W
V
O = 0.1VPP
C
L = 0pF
8
OPA354A-Q1, OPA2354A-Q1, OPA4354-Q1
SBOS492E – JUNE 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA354A-Q1 OPA2354A-Q1 OPA4354-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RF = 0 Ω, RL = 1 kΩ connected to VS / 2 (unless otherwise noted)
Figure 11. Input Voltage and Current Noise
Spectral Density vs Frequency
Figure 12. Frequency Response for Various RL
Figure 13. Frequency Response for Various CL
Figure 14. Recommended RS vs Capacitive Load
Figure 15. Frequency Response vs Capacitive Load
Figure 16. Common-Mode Rejection Ratio and Power-
Supply Rejection Ratio vs Frequency


Similar Part No. - OPA354AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AQDBVRQ1 TI1-OPA354AQDBVRQ1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA354AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com