Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA544F Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA544F
Description  High-Voltage, High-Current High-Voltage, High-Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA544F Datasheet(HTML) 4 Page - Texas Instruments

  OPA544F Datasheet HTML 1Page - Texas Instruments OPA544F Datasheet HTML 2Page - Texas Instruments OPA544F Datasheet HTML 3Page - Texas Instruments OPA544F Datasheet HTML 4Page - Texas Instruments OPA544F Datasheet HTML 5Page - Texas Instruments OPA544F Datasheet HTML 6Page - Texas Instruments OPA544F Datasheet HTML 7Page - Texas Instruments OPA544F Datasheet HTML 8Page - Texas Instruments OPA544F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
4
OPA544
100
1k
10k
100k
1M
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
110
100
90
80
70
60
50
40
1
10
100
1k
10k
100k
10
Frequency (Hz)
VOLTAGE NOISE DENSITY vs FREQUENCY
20
40
60
80
100
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
QUIESCENT CURRENT vs TEMPERATURE
13
12
11
10
9
V
S = ±35V
V
S = ±10V
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
CURRENT LIMIT vs TEMPERATURE
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
10n
1n
100p
10p
1p
I
OS
I
B
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
R
L = 15Ω
TYPICAL PERFORMANCE CURVES
At T
CASE = +25°C, VS = ±35V, unless otherwise noted.


Similar Part No. - OPA544F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA544F BURR-BROWN-OPA544F Datasheet
198Kb / 8P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544F TI-OPA544F Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544F/500 TI-OPA544F/500 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544FKTTT TI-OPA544FKTTT Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA544F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3725 STMICROELECTRONICS-2N3725 Datasheet
88Kb / 6P
   HIGH VOLTAGE, HIGH CURRENT SWITCH
January 1989
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
logo
National Semiconductor ...
DH0011A NSC-DH0011A Datasheet
85Kb / 4P
   High Voltage High Current Driver
logo
Illinois Capacitor, Inc...
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
logo
High Voltage Power Solu...
CS459S8 HVPSI-CS459S8 Datasheet
90Kb / 1P
   High Voltage - High Current Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com