Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4872ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872ID
Description  4:1 High-Speed Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4872ID Datasheet HTML 5Page - Texas Instruments OPA4872ID Datasheet HTML 6Page - Texas Instruments OPA4872ID Datasheet HTML 7Page - Texas Instruments OPA4872ID Datasheet HTML 8Page - Texas Instruments OPA4872ID Datasheet HTML 9Page - Texas Instruments OPA4872ID Datasheet HTML 10Page - Texas Instruments OPA4872ID Datasheet HTML 11Page - Texas Instruments OPA4872ID Datasheet HTML 12Page - Texas Instruments OPA4872ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
9
8
7
6
5
4
3
2
1
0
-1
V
OS
I
bn
I
bi
300
100
10
1
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
InvertingInputCurrentNoise(19pA/
)
Hz
Ö
InputVoltageNoise(4.5nV/
)
ÖHz
NoninvertingInputCurrentNoise(4pA/
)
ÖHz
OPA4872
www.ti.com
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2V/V, RF = 523Ω, and RL = 150Ω, unless otherwise noted.
TYPICAL DC DRIFT OVER TEMPERATURE
INPUT VOLTAGE AND CURRENT NOISE
Figure 25.
Figure 26.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA4872


Similar Part No. - OPA4872ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4872 BURR-BROWN-OPA4872 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
OPA4872-EP TI1-OPA4872-EP Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
OPA4872MDREP TI-OPA4872MDREP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872ID

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com