Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4684IDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4684IDR
Description  Quad, Low-Power, Current-Feedback Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4684IDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4684IDR Datasheet HTML 3Page - Texas Instruments OPA4684IDR Datasheet HTML 4Page - Texas Instruments OPA4684IDR Datasheet HTML 5Page - Texas Instruments OPA4684IDR Datasheet HTML 6Page - Texas Instruments OPA4684IDR Datasheet HTML 7Page - Texas Instruments OPA4684IDR Datasheet HTML 8Page - Texas Instruments OPA4684IDR Datasheet HTML 9Page - Texas Instruments OPA4684IDR Datasheet HTML 10Page - Texas Instruments OPA4684IDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OPA4684
7
SBOS240G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, and RL = 100Ω, unless otherwise noted.
100
10
1
Frequency (Hz)
100
10M
1k
10k
100k
1M
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Noninverting Current Noise
9.4pA/
√Hz
Voltage Noise
3.7nV/
√Hz
Inverting Current Noise
17pA/
√Hz
2-TONE, 3RD-ORDER
INTERMODULATION DISTORTION
–8 –7 –6 –5 –4 –3 –2 –14
5
3
2
1
06
7
8
Power at Load (each tone, dBm)
–50
–60
–70
–80
–90
50
+5V
–5V
50
50
P
I
P
O
800
800
OPA4684
20MHz
10MHz
5MHz
1MHz
50
40
30
20
10
0
C
LOAD (pF)
1
100
10
R
S vs CLOAD
0.5dB Peaking
CMRR and PSRR vs FREQUENCY
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
70
60
50
40
30
20
10
0
CMRR
+PSRR
–PSRR
OPEN-LOOP TRANSIMPEDANCE GAIN AND PHASE
100
1k
10k
100k
1M
10M
100M
1G
Frequency (Hz)
120
100
80
60
40
20
0
0
–30
–60
–90
–120
–150
–180
20log (Z
OL)
∠ Z
OL
9
6
3
0
–3
–6
Frequency (MHz)
1
300
10
100
SMALL-SIGNAL BANDWIDTH vs C
LOAD
5pF
800
800
1k
OPA4684
RS
VO
+5V
–5V
50
CL
V
I
12pF
100pF
50pF
75pF
20pF
33pF


Similar Part No. - OPA4684IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4684IDR BURR-BROWN-OPA4684IDR Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4684IDR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA4684 BURR-BROWN-OPA4684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4684M TI1-OPA4684M Datasheet
1Mb / 32P
[Old version datasheet]   QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com