Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4658UB Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA4658UB
Description  Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4658UB Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4658UB Datasheet HTML 7Page - Texas Instruments OPA4658UB Datasheet HTML 8Page - Texas Instruments OPA4658UB Datasheet HTML 9Page - Texas Instruments OPA4658UB Datasheet HTML 10Page - Texas Instruments OPA4658UB Datasheet HTML 11Page - Texas Instruments OPA4658UB Datasheet HTML 12Page - Texas Instruments OPA4658UB Datasheet HTML 13Page - Texas Instruments OPA4658UB Datasheet HTML 14Page - Texas Instruments OPA4658UB Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
®
OPA4658
–50
–60
–70
–80
–90
–100
Load Resistance (
Ω)
10
100
1k
2f
O
3f
O
G = +2
The third-order intercept is an important parameter for many
RF amplifier applications. Figure 6 shows the OPA4658’s
two tone, third-order intercept vs frequency. This curve is
particularly useful for determining the magnitude of the
third harmonic as a function of frequency, load resistance,
and gain. For example, assume that the application requires
the OPA4658 to operate in a gain of +2V/V and drive
2Vp-p into 100
Ω at a frequency of 10MHz. Referring to
Figure 6 we find that the intercept point is +38dBm. The
magnitude of the third harmonic can now be easily calcu-
lated from the expression:
Third Harmonic (dBc) = 2(OPI3P – P
O)
where OPI3P = third-order output intercept, dBm
P
O = output level, dBm
For this case OPI3P = 38dBm, PO = 7dBm, and the third
Harmonic = 2(38 – 7) = 62dB below the fundamental. The
OPA4658’s low distortion makes the device an excellent
choice for a variety of RF signal processing applications.
CROSSTALK
Crosstalk is the undesired result of the signal of one channel
mixing with and reproducing itself in the output of another
channel or channels. Crosstalk is inclined to occur in most
multichannel integrated circuits. In quad devices, the effect of
crosstalk is measured by driving three channels and observing
the output of the undriven channel over various frequencies.
The magnitude of this effect is referenced in terms of channel-
to-channel isolation and expressed in decibels. Input referred
points to the fact that there is a direct correlation between gain
and crosstalk, therefore at increased gain, crosstalk also in-
creases by a factor equal to that of the gain. Figure 7 illustrates
the measured effect of crosstalk in the OPA4658U.
FIGURE 5. 5MHz Harmonic Distortion vs Load Resistance.
FIGURE 6. Third Order Intercept Point vs Frequency.
70
60
50
40
30
20
100k
1M
10M
100M
Frequency (Hz)
G = +2
(G = +2, R
L = 100Ω, RFB = 402Ω)
FIGURE 8. Configuration for Testing Differential Gain/Phase.
OPA4658
75
75
402
402
75
75
TEK TSG 130A
TEK VM700A
1/4
DIFFERENTIAL GAIN AND PHASE
Differential Gain (DG) and Differential Phase (DP) are criti-
cal specifications for video applications. DG is defined as the
percent change in closed-loop gain over a specified change in
output voltage level. DP is defined as the change in degrees of
the closed-loop phase over the same output voltage change.
Both DG and DP are specified at the NTSC sub-carrier
frequency of 3.58MHz and the PAL subcarrier of 4.43MHz.
All NTSC measurements were performed using a Tektronix
model VM700A Video Measurement Set.
DG and DP of the OPA4658 were measured with the amplifier
in a gain of +2V/V with 75
Ω input impedance and the output
back-terminated in 75
Ω. The input signal selected from the
generator was a 0V to 1.4V modulated ramp with sync pulse.
With these conditions the test circuit shown in Figure 8
delivered a 100IRE modulated ramp to the 75
Ω input of the
video analyzer. The signal averaging feature of the analyzer
FIGURE 7. Channel-to-Channel Isolation (three active channels).
Frequency (Hz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100M
G = +2


Similar Part No. - OPA4658UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4658UB BURR-BROWN-OPA4658UB Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4658UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com