Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3690IDRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA3690IDRG4
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3690IDRG4 Datasheet(HTML) 4 Page - Texas Instruments

  OPA3690IDRG4 Datasheet HTML 1Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 2Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 3Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 4Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 5Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 6Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 7Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 8Page - Texas Instruments OPA3690IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
OPA3690
SBOS237G – MARCH 2002 – REVISED MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25°C.
At RF = 402Ω for G = +2, (see Figure 36 for ac performance only), RF = 25Ω for G = +1, and RL = 100Ω, unless otherwise
noted.
OPA3690ID, IDBQ
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C
(2)
+70°C
(3)
+85°C
(3)
UNIT
MAX
LEVELS
(1)
OUTPUT
Voltage Output Swing
No Load
±4.0
±3.8
±3.7
±3.6
V
min
A
100
Ω Load
±3.9
±3.7
±3.6
±3.3
V
min
A
Current Output, Sourcing
VO = 0V
+190
+160
+140
+100
mA
min
A
Current Output, Sinking
VO = 0V
–190
–160
–140
–100
mA
min
A
Short-Circuit Current
VO = 0V
±250
mA
typ
C
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.04
typ
C
DISABLE
Disabled LOW
Power-Down Supply Current (+VS)
VDIS = 0V, All Channels
–300
–600
–720
–780
mA
max
A
Disable Time
VIN = 1VDC
200
ns
typ
C
Enable Time
VIN = 1VDC
25
ns
typ
C
Off Isolation
G = +2, 5MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn-On Glitch
G = +2, RL = 150Ω, VIN = 0V
±50
mV
typ
C
Turn-Off Glitch
G = +2, RL = 150Ω, VIN = 0V
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input BIas Current
VDIS = 0V, Each Channel
75
130
150
160
mA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6.0
±6.0
±6.0
V
max
A
Maximum Quiescent Current (3 Channels)
VS = ±5V
16.5
17.4
18.6
19.8
mA
max
A
Minimum Quiescent Current (3 Channels)
VS = ±5V
16.5
15.9
13.8
12.9
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
75
68
66
64
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range: D, DBQ
–40 to +85
°C
typ
C
Thermal Resistance, qJA
xxx D xxxxxx SO-16
100
°C/W
typ
C
xxx DBQ xxx SSOP-16
100
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA3690


Similar Part No. - OPA3690IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA3690IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com