Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4658P Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4658P
Description  Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4658P Datasheet(HTML) 1 Page - Texas Instruments

  OPA4658P Datasheet HTML 1Page - Texas Instruments OPA4658P Datasheet HTML 2Page - Texas Instruments OPA4658P Datasheet HTML 3Page - Texas Instruments OPA4658P Datasheet HTML 4Page - Texas Instruments OPA4658P Datasheet HTML 5Page - Texas Instruments OPA4658P Datasheet HTML 6Page - Texas Instruments OPA4658P Datasheet HTML 7Page - Texas Instruments OPA4658P Datasheet HTML 8Page - Texas Instruments OPA4658P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
OPA4658
FEATURES
q GAIN BANDWIDTH: 900MHz at G = 2
q GAIN OF 2 STABLE
q LOW POWER: 50mW PER AMP
q LOW DIFF GAIN/PHASE ERRORS:
0.015%/0.02
°
q HIGH SLEW RATE: 1700V/
µs
q PACKAGE: 14-Pin DIP and SO-14
Quad Wideband, Low Power Current Feedback
OPERATIONAL AMPLIFIER
APPLICATIONS
q MEDICAL IMAGING
q HIGH-RESOLUTION VIDEO
q HIGH-SPEED SIGNAL PROCESSING
q COMMUNICATIONS
q PULSE AMPLIFIERS
q ADC/DAC GAIN AMPLIFIER
q MONITOR PREAMPLIFIER
q CCD IMAGING AMPLIFIER
DESCRIPTION
The OPA4658 is a quad ultra-wideband, low power
current feedback video operational amplifier featuring
high slew rate and low differential gain/phase error.
The current feedback design allows for superior large
signal bandwidth, even at high gains. The low differ-
ential gain/phase errors, wide bandwidth and low
quiescent current make the OPA4658 a perfect choice
for numerous video, imaging and communications
applications.
The OPA4658 is internally compensated for stability in
gains of 2 or greater. The OPA4658 is also available in
dual (OPA2658) and single (OPA658) configurations.
C
COMP
Current Mirror
V
V
+
V
OUT
I
BIAS
I
BIAS
+V
S
–V
S
Current Mirror
Buffer
OPA4658
OPA4658
OPA4658
NOTE: Diagram reflects only one-fourth of the OPA4658.
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1994 Burr-Brown Corporation
PDS-1270C
Printed in U.S.A. March, 1998
SBOS047


Similar Part No. - OPA4658P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4658P BURR-BROWN-OPA4658P Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4658P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com