Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4277MDREP Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA4277MDREP
Description  High Precision Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4277MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA4277MDREP Datasheet HTML 10Page - Texas Instruments OPA4277MDREP Datasheet HTML 11Page - Texas Instruments OPA4277MDREP Datasheet HTML 12Page - Texas Instruments OPA4277MDREP Datasheet HTML 13Page - Texas Instruments OPA4277MDREP Datasheet HTML 14Page - Texas Instruments OPA4277MDREP Datasheet HTML 15Page - Texas Instruments OPA4277MDREP Datasheet HTML 16Page - Texas Instruments OPA4277MDREP Datasheet HTML 17Page - Texas Instruments OPA4277MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
OPA4277-EP
SBOS714 – NOVEMBER 2014
www.ti.com
9 Power Supply Recommendations
OPA4277 operates from ±2- to ±18-V supplies with excellent performance. Unlike most operational amplifiers
which are specified at only one supply voltage, the OPA4277 is specified for real-world applications; a single limit
applies over the ±5- to ±15-V supply range. This allows a customer operating at VS = ±10 V to have the same
assured performance as a customer using ±15-V supplies. In addition, key parameters are assured over the
specified temperature range, –55°C to 125°C. Most behavior remains unchanged through the full operating
voltage range (±2 to ±18 V). Parameters which vary significantly with operating voltage or temperature are shown
in the typical performance curves.
10 Layout
10.1 Layout Guidelines
The leadframe die pad should be soldered to a thermal pad on the PCB. Mechanical drawings located in
Mechanical, Packaging, and Orderable Information show the physical dimensions for the package and pad.
Soldering the exposed pad significantly improves board-level reliability during temperature cycling, key push,
package shear, and similar board-level tests. Even with applications that have low-power dissipation, the
exposed pad must be soldered to the PCB to provide structural integrity and long-term reliability.
The OPA4277 has very-low offset voltage and drift. To achieve highest performance, optimize circuit layout and
mechanical conditions. Offset voltage and drift can be degraded by small thermoelectric potentials at the
operational amplifier inputs. Connections of dissimilar metals generate thermal potential, which can degrade the
ultimate performance of the OPA4277. Cancel these thermal potentials by assuring that they are equal in both
input terminals.
Keep the thermal mass of the connections made to the two input terminals similar.
Locate heat sources as far as possible from the critical input circuitry.
Shield operational amplifier and input circuitry from air currents such as cooling fans.
14
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - OPA4277MDREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4277 BURR-BROWN-OPA4277 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4277 TI1-OPA4277 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA4277 TI-OPA4277 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
OPA4277-EP TI-OPA4277-EP Datasheet
390Kb / 20P
[Old version datasheet]   OPA4277-EP High Precision Operational Amplifier
OPA4277-EP TI-OPA4277-EP Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
More results

Similar Description - OPA4277MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
ADA4700-1 AD-ADA4700-1 Datasheet
140Kb / 10P
   High Voltage, Precision Operational Amplifier
Rev. PrB
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
   Precision, High Speed Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com