Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3690IDBQT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3690IDBQT
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3690IDBQT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA3690IDBQT Datasheet HTML 3Page - Texas Instruments OPA3690IDBQT Datasheet HTML 4Page - Texas Instruments OPA3690IDBQT Datasheet HTML 5Page - Texas Instruments OPA3690IDBQT Datasheet HTML 6Page - Texas Instruments OPA3690IDBQT Datasheet HTML 7Page - Texas Instruments OPA3690IDBQT Datasheet HTML 8Page - Texas Instruments OPA3690IDBQT Datasheet HTML 9Page - Texas Instruments OPA3690IDBQT Datasheet HTML 10Page - Texas Instruments OPA3690IDBQT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
10
0.5
1
100
500
Frequency(MHz)
9
6
3
0
-3
-6
V =4V
O
PP
V =7V
O
PP
V =2V
O
PP
V =1V
O
PP
Frequency(MHz)
0.7
10
100
700
6
3
0
-3
-6
-9
-12
-15
V
=0.5V
O
PP
G=+1
R =25W
F
G=2
G=5
G=10
1
Time(5ns/div)
400
300
200
100
0
-100
-200
-300
-400
G=+2
V
=0.5V
O
PP
Time(5ns/div)
4
3
2
1
0
-1
-2
-3
-4
G=+2
V
=5V
O
PP
Numberof150
Loads
W
1
2
3
4
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0
dG
dG
dP
dP
NoPull-Down
With1.3k
Pull-Down
W
1/3
OPA3690
402W
-5V
+5V
75W
VideoIn
402W
Optional
1.3kW
Pull-Down
Frequency(MHz)
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
InputReferred
0.1
1
10
100
OPA3690
www.ti.com
SBOS237G – MARCH 2002 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
SMALL
−SIGNAL
LARGE
−SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
SMALL-SIGNAL
LARGE-SIGNAL
PULSE RESPONSE
PULSE RESPONSE
Figure 3.
Figure 4.
COMPOSITE VIDEO
ALL HOSTILE
dG/dP
CROSSTALK
Figure 5.
Figure 6.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA3690


Similar Part No. - OPA3690IDBQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA3690IDBQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com