Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3690 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA3690
Description  Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA3690_14 Datasheet HTML 1Page - Texas Instruments OPA3690_14 Datasheet HTML 2Page - Texas Instruments OPA3690_14 Datasheet HTML 3Page - Texas Instruments OPA3690_14 Datasheet HTML 4Page - Texas Instruments OPA3690_14 Datasheet HTML 5Page - Texas Instruments OPA3690_14 Datasheet HTML 6Page - Texas Instruments OPA3690_14 Datasheet HTML 7Page - Texas Instruments OPA3690_14 Datasheet HTML 8Page - Texas Instruments OPA3690_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/3
OPA3690
1/3
OPA3690
V
IN
V
OUT
49.9W
49.9W
R
75.0W
49.9W
49.9W
R
75.0W
249W
249W
249W
1pF
C
330pF
C
330pF
1/3
OPA3690
249W
1pF
OPA3690
www.ti.com
SBOS237G – MARCH 2002 – REVISED MARCH 2010
Triple, Wideband, Voltage-Feedback
OPERATIONAL AMPLIFIER with Disable
Check for Samples: OPA3690
1
FEATURES
DESCRIPTION
2
FLEXIBLE SUPPLY RANGE:
The OPA3690 represents a major step forward in
+5V to +12V Single Supply
unity-gain stable, voltage-feedback op amps. A new
±2.5V to ±6V Dual Supply
internal architecture provides slew rate and full-power
bandwidth
previously
found
only
in
wideband,
WIDEBAND +5V OPERATION: 220MHz (G = 2)
current-feedback op amps. A new output stage
HIGH OUTPUT CURRENT: 190mA
architecture delivers high currents with a minimal
OUTPUT VOLTAGE SWING: ±4.0V
headroom
requirement.
These
give
exceptional
single-supply operation. Using a single +5V supply,
HIGH SLEW RATE: 1800V/ms
the OPA3690 can deliver a 1V to 4V output swing
LOW SUPPLY CURRENT: 5.5mA/ch
with
over
120mA
drive
current
and
150MHz
LOW DISABLE CURRENT: 100mA/ch
bandwidth. This combination of features makes the
OPA3690 an ideal RGB line driver or single-supply
APPLICATIONS
Analog-to-Digital Converter (ADC) input driver.
VIDEO LINE DRIVING
The low 5.5mA/ch supply current of the OPA3690 is
HIGH-SPEED IMAGING CHANNELS
precisely trimmed at +25°C. This trim, along with low
temperature drift, provides lower maximum supply
ADC BUFFERS
current than competing products. System power may
PORTABLE INSTRUMENTS
be reduced further using the optional disable control
TRANSIMPEDANCE AMPLIFIERS
pin. Leaving this disable pin open, or holding it HIGH,
ACTIVE FILTERS
will operate the OPA3690 normally. If pulled LOW,
the OPA3690 supply current drops to less than
200mA/ch while the output goes to a high-impedance
state. This feature may be used for power savings.
OPA3690 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
Current-Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA692
OPA3692
Buffered Analog Delay Line
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA3690_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA3690_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com