Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4704EA/250 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4704EA/250
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4704EA/250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4704EA/250 Datasheet HTML 3Page - Texas Instruments OPA4704EA/250 Datasheet HTML 4Page - Texas Instruments OPA4704EA/250 Datasheet HTML 5Page - Texas Instruments OPA4704EA/250 Datasheet HTML 6Page - Texas Instruments OPA4704EA/250 Datasheet HTML 7Page - Texas Instruments OPA4704EA/250 Datasheet HTML 8Page - Texas Instruments OPA4704EA/250 Datasheet HTML 9Page - Texas Instruments OPA4704EA/250 Datasheet HTML 10Page - Texas Instruments OPA4704EA/250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
OPA703, OPA704
7
SBOS180A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, and RL = 20kΩ, unless otherwise noted.
INPUT BIAS CURRENT (I
B)
vs COMMON-MODE VOLTAGE (V
CM)
TEMPERATURE =
°25C
–6
Common-Mode Voltage, V
CM (V)
–5
–4
–3
–10
–21
2
3
4
5
6
15
10
5
0
–5
–10
–15
INPUT BIAS CURRENT (I
B)
vs COMMON-MODE VOLTAGE (V
CM)
TEMPERATURE = 125
°C
–6
Common-Mode Voltage, V
CM (V)
–5
–4
–3
–10
–21
2
3
4
5
6
15
10
5
0
–5
–10
–15
QUIESCENT CURRENT vs SUPPLY VOLTAGE
2
Supply Voltage (V)
48
610
12
14
200
190
180
170
160
150
140
130
120
SHORT-CIRCUIT CURRENT
vs SUPPLY VOLTAGE
2
Supply Voltage (V)
48
610
12
14
60
50
40
30
20
10
0
I
SC P (Sourcing)
I
SC N (Sinking)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
Output Current (
±mA)
10
20
40
30
50
60
70
6
4
2
0
–2
–4
–6
Sourcing
Sinking
+125
°C +25°C
–55
°C
+125
°C
+25
°C
–55
°C
TOTAL HARMONIC DISTORTION PLUS NOISE
(Load = 5k
Ω, BW = 8kHz, 1.0Vrms)
1
Frequency (Hz)
10
1k
100
10k
100k
1.000
0.100
0.010
0.001
G = +5
OPA704
OPA703
G = +1


Similar Part No. - OPA4704EA/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4704EA/250 TI-OPA4704EA/250 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4704EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com