Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4703EA/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4703EA/2K5
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4703EA/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4703EA/2K5 Datasheet HTML 7Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 8Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 9Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 10Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 11Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 12Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 13Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 14Page - Texas Instruments OPA4703EA/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
OPA703, OPA704
11
SBOS180A
CAPACITIVE LOAD AND STABILITY
The OPA703 and OPA704 series op amps can drive up to
1000pF pure capacitive load. Increasing the gain enhances
the amplifier’s ability to drive greater capacitive loads (see
the typical performance curve “Small Signal Overshoot vs
Capacitive Load”).
One method of improving capacitive load drive in the unity-
gain configuration is to insert a 10
Ω to 20Ω resistor inside
the feedback loop, as shown in Figure 5. This reduces
ringing with large capacitive loads while maintaining DC
accuracy.
FIGURE 5. Series Resistor in Unity-Gain Buffer Configura-
tion Improves Capacitive Load Drive.
INPUT VOLTAGE
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
approximately 300mV. Momentary voltages greater than
300mV beyond the power supply can be tolerated if the
current is limited to 10mA. This is easily accomplished with
an input resistor, as shown in Figure 3. Many input signals
are inherently current-limited to less than 10mA; therefore,
a limiting resistor is not always required. The OPA703
features no phase inversion when the inputs extend beyond
supplies if the input current is limited, as seen in Figure 4.
FIGURE 4. OPA703—No Phase Inversion with Inputs
Greater than the Power-Supply Voltage.
FIGURE 3. Input Current Protection for Voltages Exceeding
the Supply Voltage.
V
S = ±5.0V, VIN = 11Vp-p
20
µs/div
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. This output stage is
capable of driving 1k
Ω loads connected to any point be-
tween V+ and ground. For light resistive loads (> 100k
Ω),
the output voltage can swing to 40mV from the supply rail.
With moderate resistive loads (20k
Ω), the output can swing
to within 75mV from the supply rails while maintaining high
open-loop gain (see the typical performance curve “Output
Voltage Swing vs Output Current”).
APPLICATION CIRCUITS
Figure 6 shows a G = 5 non-inverting amplifier implemented
with the OPA703 and OPA704 op amps. It demonstrates the
increased speed characteristics (bandwidth, slew rate and
settling time) that can be achieved with the OPA704 family
when used in gains of five or greater. Some optimization of
feedback capacitor value may be required to achieve best
dynamic response. Circuits with closed-loop gains of less
than five should use the OPA703 family for good stability
and capacitive load drive. The OPA703 can be used in gains
greater than five, but will not provide the increased speed
benefits of the OPA704 family.
The OPA703 series op amps are optimized for driving
medium-speed sampling data converters. The OPA703 op
amps buffer the converter’s input capacitance and resulting
charge injection while providing signal gain.
Figure 7 shows the OPA2703 in a dual-supply buffered
reference configuration for the DAC7644. The DAC7644 is
a 16-bit, low-power, quad-voltage output converter. Small
size makes the combination ideal for automatic test equip-
ment, data acquisition systems, and other low-power space-
limited applications.
R
OPA703
10mA max
+V
V–
V
IN
V
OUT
I
OVERLOAD
R
S
20
OPA703
C
L
R
L
V
IN
V
OUT


Similar Part No. - OPA4703EA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4703EA/2K5 TI-OPA4703EA/2K5 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4703EA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com