Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4781 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM4781
Description  Overture™ Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4781 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4781 Datasheet HTML 1Page - National Semiconductor (TI) LM4781 Datasheet HTML 2Page - National Semiconductor (TI) LM4781 Datasheet HTML 3Page - National Semiconductor (TI) LM4781 Datasheet HTML 4Page - National Semiconductor (TI) LM4781 Datasheet HTML 5Page - National Semiconductor (TI) LM4781 Datasheet HTML 6Page - National Semiconductor (TI) LM4781 Datasheet HTML 7Page - National Semiconductor (TI) LM4781 Datasheet HTML 8Page - National Semiconductor (TI) LM4781 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Connection Diagrams
Plastic Package (Note 14)
200673B2
Top View
Order Number LM4781TA
See NS Package Number TA27A
TO-220 Top Marking
200673A6
Top View
U - Wafer Fab Code
Z - Assembly Plant Code
XY - Date Code
TT - Die Run Traceability
L4781TA - LM4781TA
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM4700 Overture™ Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes 1  2  3  4  5  More National Semiconductor (TI)
LM4701 LM4701 Overture™ Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes 1  2  3  4  5  More National Semiconductor (TI)
LM1876 Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1  2  3  4  5  More National Semiconductor (TI)
LM4780 Audio Power Amplifier Series Stereo 60W Mono 120W Audio Power Amplifier with Mute 1  2  3  4  5  More National Semiconductor (TI)
LM4702 LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute 1  2  3  4  5  More National Semiconductor (TI)
LM3876 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute 1  2  3  4  5  More National Semiconductor (TI)
LM4765 Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes 1  2  3  4  5  More National Semiconductor (TI)
LM4733 3 Channel 30W Audio Power Amplifier with Mute 1  2  3  4  5  More National Semiconductor (TI)
LM4766 Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute 1  2  3  4  5  More National Semiconductor (TI)
LM4782 3 Channel 25W Audio Power Amplifier with Mute and Standby 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn