Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4348AIDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4348AIDRG4
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4348AIDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4348AIDRG4 Datasheet HTML 6Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 7Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 8Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 9Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 10Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 11Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 12Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 13Page - Texas Instruments OPA4348AIDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
R
I
OPA348
V
IN
V
OUT
R
F
C
FB
C
IN
C
L
OPA348
OPA2348
OPA4348
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
In unity-gain inverter configuration, phase margin can
DRIVING A/D CONVERTERS
be reduced by the reaction between the capacitance
The OPA348 series op amps are optimized for driving
at the op amp input, and the gain setting resistors,
medium-speed sampling Analog-to-Digital Converters
thus
degrading
capacitive
load
drive.
Best
(ADCs). The OPA348 op amps buffer the ADCs input
performance is achieved by using small valued
capacitance and resulting charge injection while
resistors. For example, when driving a 500pF load,
providing signal gain.
reducing the resistor values from 100k
Ω to 5kΩ
decreases overshoot from 55% to 13% (see the
The OPA348 in a basic noninverting configuration
typical characteristic Small-Signal Overshoot vs Load
driving the ADS7822, see Figure 25. The ADS7822 is
Capacitance, Figure 13). However, when large valued
a 12-bit, microPOWER sampling converter in the
resistors cannot be avoided, a small (4pF to 6pF)
MSOP-8 package. When used with the low-power,
capacitor, CFB, can be inserted in the feedback, as
miniature packages of the OPA348, the combination
shown in Figure 24. This significantly reduces
is ideal for space-limited, low-power applications. In
overshoot by compensating the effect of capacitance,
this configuration, an RC network at the ADC’s input
CIN, which includes the amplifier's input capacitance
can be used to provide for anti-aliasing filter and
and PC board parasitic capacitance.
charge injection current.
The OPA348 in noninverting configuration driving
ADS7822 limited, low-power applications. In this
configuration, an RC network at the ADC’s input can
be used to provide for antialiasing filter and charge
injection current. See Figure 26 for the OPA2348
driving an ADS7822 in a speech bandpass filtered
data acquisition system. This small, low-cost solution
provides the necessary amplification and signal
conditioning to interface directly with an electret
microphone. This circuit will operate with VS = 2.7V to
5V with less than 250
μA typical quiescent current.
Figure 24. Improving Capacitive Load Drive
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: OPA348 OPA2348 OPA4348


Similar Part No. - OPA4348AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4348AIDRG4 TI-OPA4348AIDRG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4348AIDRG4 TI-OPA4348AIDRG4 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4348AIDRG4 BURR-BROWN-OPA4348AIDRG4 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4348AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com