Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4241UAG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4241UAG4
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4241UAG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA4241UAG4 Datasheet HTML 1Page - Texas Instruments OPA4241UAG4 Datasheet HTML 2Page - Texas Instruments OPA4241UAG4 Datasheet HTML 3Page - Texas Instruments OPA4241UAG4 Datasheet HTML 4Page - Texas Instruments OPA4241UAG4 Datasheet HTML 5Page - Texas Instruments OPA4241UAG4 Datasheet HTML 6Page - Texas Instruments OPA4241UAG4 Datasheet HTML 7Page - Texas Instruments OPA4241UAG4 Datasheet HTML 8Page - Texas Instruments OPA4241UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
®
OPA241, 2241, 4241
OPA251, 2251, 4251
®
OPA251
OPA2251
OPA4251
© 1997 Burr-Brown Corporation
PDS-1406B
Printed in U.S.A. October, 1998
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Single-Supply, MicroPOWER
OPERATIONAL AMPLIFIERS
FEATURES
q MicroPOWER: I
Q = 25µA
q SINGLE-SUPPLY OPERATION
q RAIL-TO-RAIL OUTPUT (within 50mV)
q WIDE SUPPLY RANGE
Single Supply: +2.7V to +36V
Dual Supply:
±1.35V to ±18V
q LOW OFFSET VOLTAGE:
±250µV max
q HIGH COMMON-MODE REJECTION: 124dB
q HIGH OPEN-LOOP GAIN: 128dB
q SINGLE, DUAL, AND QUAD
DESCRIPTION
The OPA241 series and OPA251 series are specifically
designed for battery powered, portable applications. In addi-
tion to very low power consumption (25
µA), these amplifi-
ers feature low offset voltage, rail-to-rail output swing, high
common-mode rejection, and high open-loop gain.
The OPA241 series is optimized for operation at low power
supply voltage while the OPA251 series is optimized for
high power supplies. Both can operate from either single
(+2.7V to +36V) or dual supplies (
±1.35V to ±18V). The
input common-mode voltage range extends 200mV below
the negative supply—ideal for single-supply applications.
They are unity-gain stable and can drive large capacitive
loads. Special design considerations assure that these prod-
ucts are easy to use. High performance is maintained as the
amplifiers swing to their specified limits. Because the initial
offset voltage (
±250µV max) is so low, user adjustment is
usually not required. However, external trim pins are pro-
vided for special applications (single versions only).
The OPA241 and OPA251 (single versions) are available
in standard 8-pin DIP and SO-8 surface-mount packages.
The OPA2241 and OPA2251 (dual versions) come in 8-pin
DIP and SO-8 surface-mount packages. The OPA4241 and
OPA4251 (quad versions) are available in 14-pin DIP and
SO-14 surface-mount packages. All are fully specified
from –40
°C to +85°C and operate from –55°C to +125°C.
APPLICATIONS
q BATTERY OPERATED INSTRUMENTS
q PORTABLE DEVICES
q MEDICAL INSTRUMENTS
q TEST EQUIPMENT
OPA241
OPA2241
OPA4241
1
2
3
4
8
7
6
5
NC
V+
Output
Offset Trim
Offset Trim
–In
+In
V–
OPA241, OPA251
8-Pin DIP, SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2241, OPA2251
8-Pin DIP, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4241, OPA4251
14-Pin DIP, SO-14
AD
BC
OPA241 Family optimized for +5V supply.
OPA251 Family optimized for
±15V supply.
OPA241
OPA4251
OPA4241
OPA2251
SBOS075


Similar Part No. - OPA4241UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4241UAG4 TI-OPA4241UAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4241UAG4 NSC-OPA4241UAG4 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4241UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com