Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4241PAG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA4241PAG4
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4241PAG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4241PAG4 Datasheet HTML 3Page - Texas Instruments OPA4241PAG4 Datasheet HTML 4Page - Texas Instruments OPA4241PAG4 Datasheet HTML 5Page - Texas Instruments OPA4241PAG4 Datasheet HTML 6Page - Texas Instruments OPA4241PAG4 Datasheet HTML 7Page - Texas Instruments OPA4241PAG4 Datasheet HTML 8Page - Texas Instruments OPA4241PAG4 Datasheet HTML 9Page - Texas Instruments OPA4241PAG4 Datasheet HTML 10Page - Texas Instruments OPA4241PAG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
®
OPA241, 2241, 4241
OPA251, 2251, 4251
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and RL = 100kΩ connected to VS/2 (ground for VS = ±15V), unless otherwise noted.
Curves apply to OPA241 and OPA251 unless specified.
OPA251 SERIES OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
18
16
14
12
10
8
6
4
2
0
Typical production distribution
of packaged units. Singles,
duals, and quads included.
V
S = ±15V
OPA241 SERIES OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
30
25
20
15
10
5
0
V
S = +5V
Typical production
distribution of
packaged units.
Singles, duals,
and quads included.
OPA241 SERIES OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage (
µV/°C)
20
18
16
14
12
10
8
6
4
2
0
Typical production distribution
of packaged units. Singles,
duals, and quads included.
V
S = +5V
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
OPA251 SERIES OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
30
25
20
15
10
5
0
V
S = ±15V
Typical production
distribution of
packaged units.
Singles, duals,
and quads included.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100k
100
1k
10k
Frequency (Hz)
10
30
25
20
15
10
5
0
Maximum output
voltage without
slew rate-induced
distortion.
V
S = 2.7V
V
S = +5V
V
S = ±15V
OPEN-LOOP GAIN vs OUTPUT VOLTAGE SWING
140
130
120
110
100
90
80
Output Voltage Swing from Rail (mV)
500
400
300
200
100
0
VS = ±15V
VS = +5V
VS = +2.7V
R
L = 20kΩ
R
L = 100kΩ
R
L = 10kΩ


Similar Part No. - OPA4241PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4241PAG4 TI-OPA4241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4241PAG4 NSC-OPA4241PAG4 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4241PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com