Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA337PAG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA337PAG4
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA337PAG4 Datasheet(HTML) 2 Page - Texas Instruments

  OPA337PAG4 Datasheet HTML 1Page - Texas Instruments OPA337PAG4 Datasheet HTML 2Page - Texas Instruments OPA337PAG4 Datasheet HTML 3Page - Texas Instruments OPA337PAG4 Datasheet HTML 4Page - Texas Instruments OPA337PAG4 Datasheet HTML 5Page - Texas Instruments OPA337PAG4 Datasheet HTML 6Page - Texas Instruments OPA337PAG4 Datasheet HTML 7Page - Texas Instruments OPA337PAG4 Datasheet HTML 8Page - Texas Instruments OPA337PAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
7.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage(2)
(V−) − 0.5V to (V+) + 0.5V
. . . . . . . . . . . . . . . . . . . .
Input Current(2)
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
300
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input signal voltage is limited by internal diodes connected to
power supplies. See text.
(3) Short-circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
DESCRIPTION
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA337 Series
SOT23-5
DBV
C37
OPA337NA/250
Tape and Reel, 250
SOT23-5
DBV
C37
OPA337NA/3K
Tape and Reel, 3000
Single,
MSOP-8
DGK
G37
OPA337EA/250
Tape and Reel, 250
OPA337
Single,
G = 1 Stable
MSOP-8
DGK
−40
°C to +85°C
G37
OPA337EA/2K5
Tape and Reel, 2500
OPA337
G = 1 Stable
DIP-8
P
−40 C to +85 C
OPA337PA
OPA337PA
Rails
SO-8
D
OPA337UA
OPA337UA
Rails
SO-8
Surface-Mount
D
OPA337UA
OPA337UA/2K5
Tape and Reel, 2500
SOT23-8
DCN
A7
OPA2337EA/250
Tape and Reel, 250
Dual,
SOT23-8
DCN
A7
OPA2337EA/3K
Tape and Reel, 3000
OPA2337
Dual,
G = 1 Stable
DIP-8
P
−40
°C to +85°C
OPA2337PA
OPA2337PA
Rails
OPA2337
G = 1 Stable
SO-8
D
−40 C to +85 C
OPA2337UA
OPA2337UA
Rails
SO-8
Surface-Mount
D
OPA2337UA
OPA2337UA/2K5
Tape and Reel, 2500
OPA338 Series
SOT23-5
DBV
A38
OPA338NA/250
Tape and Reel, 250
OPA338
Single,
SOT23-5
DBV
−40
°C to +85°C
A38
OPA338NA/3K
Tape and Reel, 3000
OPA338
Single,
G
≥ 5 Stable
SO-8
D
−40
°C to +85°C
OPA338UA
OPA338UA
Rails
SO-8
Surface-Mount
D
OPA338UA
OPA338UA/2K5
Tape and Reel, 2500
SOT23-8
DCN
A8
OPA2338EA/250
Tape and Reel, 250
OPA2338
Dual,
SOT23-8
DCN
−40
°C to +85°C
A8
OPA2338EA/3K
Tape and Reel, 3000
OPA2338
Dual,
G
≥ 5 Stable
SO-8
D
−40
°C to +85°C
OPA2338UA
OPA2338UA
Rails
SO-8
Surface-Mount
D
OPA2338UA
OPA2338UA/2K5
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.


Similar Part No. - OPA337PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA337PA BURR-BROWN-OPA337PA Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA337PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA734 BURR-BROWN-OPA734_07 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com