Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA846 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA846 Datasheet(HTML) 4 Page - Texas Instruments

  OPA846 Datasheet HTML 1Page - Texas Instruments OPA846 Datasheet HTML 2Page - Texas Instruments OPA846 Datasheet HTML 3Page - Texas Instruments OPA846 Datasheet HTML 4Page - Texas Instruments OPA846 Datasheet HTML 5Page - Texas Instruments OPA846 Datasheet HTML 6Page - Texas Instruments OPA846 Datasheet HTML 7Page - Texas Instruments OPA846 Datasheet HTML 8Page - Texas Instruments OPA846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
OPA2846
SBOS274C −JUNE 2003 − REVISED AUGUST 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are 100% tested at +25
°C.
RF = 453Ω, RL = 100Ω, and G = +10, unless otherwise noted. See Figure 1 for AC performance.
OPA2846ID
TEST
LEVEL
(3)
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVEL
(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
0
°C to
+70
°C(2)
+25
°C(1)
+25
°C
TEST CONDITIONS
Power Supply
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6
±6
±6
V
max
A
Maximum Quiescent Current
VS = ±5V, Both Channels
25.2
25.9
26.3
26.7
mA
max
A
Minimum Quiescent Current
VS = ±5V, Both Channels
25.2
24.5
23.9
23.3
mA
min
A
Power-Supply Rejection Ratio (−PSRR)
−VS = −4.5 to 5.5 (Input Referred)
95
90
88
85
dB
min
A
Thermal Characteristics
Specified Operating Range: D Package
−40 to
+85
°C
typ
C
Thermal Resistance,
qJA
Junction-to-Ambient
D
SO-8
125
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.


Similar Part No. - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI1-OPA846 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846ID TI-OPA846ID Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com