Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA343UAG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA343UAG4
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA343UAG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA343UAG4 Datasheet HTML 2Page - Texas Instruments OPA343UAG4 Datasheet HTML 3Page - Texas Instruments OPA343UAG4 Datasheet HTML 4Page - Texas Instruments OPA343UAG4 Datasheet HTML 5Page - Texas Instruments OPA343UAG4 Datasheet HTML 6Page - Texas Instruments OPA343UAG4 Datasheet HTML 7Page - Texas Instruments OPA343UAG4 Datasheet HTML 8Page - Texas Instruments OPA343UAG4 Datasheet HTML 9Page - Texas Instruments OPA343UAG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA343, 2343, 4343
6
SBOS090A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1
0
1
2
345
6
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
5
4
3
2
1
0
0
±10
±20
±30 ±40
±50 ±60
±70 ±80
±90 ±100
+125°C
+25°C
–55°C
+125°C
+25°C
–55°C
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10M
1M
Frequency (Hz)
100k
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 2.7V
Maximum output
voltage without
slew rate-induced
distortion.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
25
20
15
10
5
0
Typical production
distribution of
packaged units.
0123456789
10 11 12 13 14
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
–88
30
25
20
15
10
5
0
–7 –6 –5 –4 –3 –2 –1 0
1
2
3
4
5
6
7
Typical production
distribution of
packaged units.
–60
–40
–20
0
20406080
100
1000
100
10
1
0.1
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)


Similar Part No. - OPA343UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343UAG4 TI-OPA343UAG4 Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA343UAG4 TI-OPA343UAG4 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA343UAG4 TI-OPA343UAG4 Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA343UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com