Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4354AIDG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA4354AIDG4
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4354AIDG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4354AIDG4 Datasheet HTML 7Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 8Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 9Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 10Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 11Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 12Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 13Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 14Page - Texas Instruments OPA4354AIDG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
R = 10k
L
W
R =
L
100W
R =
L
1kW
R =
L
50W
G = +1
R = 0
F
W
V = 0.1V
O
PP
C = 0pF
L
Frequency (Hz)
10M
1M
100k
-50
-60
-70
-80
-90
-100
G = +1
V = 2V
O
PP
R = 200
L
W
V
= 1.5V
CM
3rd Harmonic
2nd Harmonic
R ( )
L W
1k
100
-50
-60
-70
-80
-90
-100
G = +1
V = 2V
O
PP
f = 1MHz
V
= 1.5V
CM
3rd Harmonic
2nd Harmonic
Gain (V/V)
10
1
-50
-60
-70
-80
-90
-100
V = 2V
O
PP
f = 1MHz
R = 200
L
W
3rd Harmonic
2nd Harmonic
Gain (V/V)
10
1
-50
-60
-70
-80
-90
-100
V = 2V
O
PP
f = 1MHz
R = 200
L
W
3rd Harmonic
2nd Harmonic
11
OPA354, OPA2354, OPA4354
www.ti.com
SBOS233F – MARCH 2002 – REVISED JUNE 2016
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, G = +1, RF = 0 Ω, RL = 1 kΩ, and connected to VS/2, unless otherwise noted.
Figure 7. Harmonic Distortion vs Noninverting Gain
Figure 8. Harmonic Distortion vs Inverting Gain
Figure 9. Harmonic Distortion vs Frequency
Figure 10. Harmonic Distortion vs Load Resistance
Figure 11. Input Voltage and Current Noise
Spectral Density vs Frequency
Figure 12. Frequency Response for Various RL


Similar Part No. - OPA4354AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354AID TI-OPA4354AID Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354AIDR TI-OPA4354AIDR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4354AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com