Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2846 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2846 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 4Page - Texas Instruments OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments OPA2846 Datasheet HTML 10Page - Texas Instruments OPA2846 Datasheet HTML 11Page - Texas Instruments OPA2846 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
OPA2846
SBOS274C −JUNE 2003 − REVISED AUGUST 2008
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
120
110
100
90
80
70
60
50
40
30
20
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
102
104
105
103
106
107
108
CMRR
+PSRR
−PSRR
4
3
2
1
0
−1
−2
−3
−4
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−150
−100
−50
0
50
100
150
R
L =100Ω
R
L =25Ω
R
L =50Ω
10
8
6
4
2
0
−2
−4
−6
−8
−10
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
NONINVERTING OVERDRIVE RECOVERY
Time (50ns/div)
SeeFigure1
G= +10V/V
R
L =100Ω
Output
Input
0
50
100 150 200 250 300 350 400 450 500
120
100
80
60
40
20
0
−20
0
−30
−60
−90
−120
−150
−180
−210
OPEN−LOOP GAIN AND PHASE
Frequency (Hz)
102
104
105
103
106
107
108
109
20log (AOL)
∠A
OL
10
1
0.1
0.01
0.001
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
102
104
105
103
106
107
108
453
1/2
O PA 2846
Z
O
50
10
8
6
4
2
0
−2
−4
−6
−8
−10
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
INVERTING OVERDRIVE RECOVERY
Time (50ns/div)
SeeFigure2
G=
−20V/V
R
L =100Ω
Output
Input
0
50
100 150 200 250 300 350 400 450 500


Similar Part No. - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI-OPA2846 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846ID TI-OPA2846ID Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846IDR TI-OPA2846IDR Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com