Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA348AIDCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348AIDCKR
Description  1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348AIDCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA348AIDCKR Datasheet HTML 5Page - Texas Instruments OPA348AIDCKR Datasheet HTML 6Page - Texas Instruments OPA348AIDCKR Datasheet HTML 7Page - Texas Instruments OPA348AIDCKR Datasheet HTML 8Page - Texas Instruments OPA348AIDCKR Datasheet HTML 9Page - Texas Instruments OPA348AIDCKR Datasheet HTML 10Page - Texas Instruments OPA348AIDCKR Datasheet HTML 11Page - Texas Instruments OPA348AIDCKR Datasheet HTML 12Page - Texas Instruments OPA348AIDCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
5kW
OPA348
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
10
to
W
20W
OPA348
V+
V
IN
V
OUT
R
S
R
L
C
L
5V
0V
G = +1V/V, V = +5V
S
10 s/div
m
V
IN
V
OUT
OPA348
OPA2348
OPA4348
www.ti.com
SBOS213G – NOVEMBER 2001 – REVISED MARCH 2013
RAIL-TO-RAIL INPUT
RAIL-TO-RAIL OUTPUT
The input common-mode range extends from (V–) –
A class AB output stage with common-source
0.2V to (V+) + 0.2V. For normal operation, inputs
transistors is used to achieve rail-to-rail output. This
should be limited to this range. The absolute
output
stage
is
capable
of
driving
5k
Ω loads
maximum
input
voltage
is
500mV
beyond
the
connected to any potential between V+ and ground.
supplies. Inputs greater than the input common-mode
For light resistive loads (> 100k
Ω), the output voltage
range but less than the maximum input voltage, while
can typically swing to within 18mV from supply rail.
not valid, will not cause any damage to the op amp.
With moderate resistive loads (10k
Ω to 50kΩ), the
Unlike some other op amps, if input current is limited
output voltage can typically swing to within 100mV of
the inputs may go beyond the power supplies without
the supply rails while maintaining high open-loop gain
phase inversion, as shown in Figure 21.
(see the typical characteristic Output Voltage Swing
vs Output Current, Figure 6).
CAPACITIVE LOAD AND STABILITY
The OPA348 in a unity-gain configuration can directly
drive up to 250pF pure capacitive load. Increasing the
gain enhances the amplifier’s ability to drive greater
capacitive loads (see the typical characteristic Small-
Signal Overshoot vs Capacitive Load, Figure 13). In
unity-gain configurations, capacitive load drive can be
improved by inserting a small (10
Ω to 20Ω) resistor,
RS, in series with the output, as shown in Figure 23.
This significantly reduces ringing while maintaining
DC
performance
for
purely
capacitive
loads.
However, if there is a resistive load in parallel with
the capacitive load, a voltage divider is created,
Figure 21. OPA348—No Phase Inversion with
introducing a Direct Current (DC) error at the output
Inputs Greater than the Power-Supply Voltage
and slightly reducing the output swing. The error
introduced is proportional to the ratio RS/RL, and is
generally negligible.
Normally, input currents are 0.5pA. However, large
inputs (greater than 500mV beyond the supply rails)
can cause excessive current to flow in or out of the
input pins. Therefore, as well as keeping the input
voltage below the maximum rating, it is also important
to limit the input current to less than 10mA. This is
easily accomplished with an input voltage resistor, as
shown in Figure 22.
Figure 23. Series Resistor in Unity-Gain Buffer
Configuration Improves Capacitive Load Drive
Figure 22. Input Current Protection for Voltages
Exceeding the Supply Voltage
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA348 OPA2348 OPA4348


Similar Part No. - OPA348AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348AIDCKR TI-OPA348AIDCKR Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDCKR TI-OPA348AIDCKR Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDCKR TI-OPA348AIDCKR Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348AIDCKR BURR-BROWN-OPA348AIDCKR Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348AIDCKRG4 TI-OPA348AIDCKRG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA348AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com