Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1518AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1518AT
Description  1 Form A Solid State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1518AT Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1518AT Datasheet HTML 1Page - Vishay Siliconix LH1518AT Datasheet HTML 2Page - Vishay Siliconix LH1518AT Datasheet HTML 3Page - Vishay Siliconix LH1518AT Datasheet HTML 4Page - Vishay Siliconix LH1518AT Datasheet HTML 5Page - Vishay Siliconix LH1518AT Datasheet HTML 6Page - Vishay Siliconix LH1518AT Datasheet HTML 7Page - Vishay Siliconix LH1518AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83816
Rev. 1.2, 08-Mar-04
VISHAY
LH1518AAB/ AABTR/ AT
Vishay Semiconductors
Fig. 5 Switch Breakdown Voltage vs. Temperature
Fig. 6 Switch Breakdown Voltage vs. Load Current
Fig. 7 Load Current vs. Load Voltage
–12
–10
–8
–6
–4
–2
0
2
4
6
8
–40
–20
0
20
40
60
80
Ambient Temperature ( C )
17304
IF = 0
ILt50 A
0
10
20
30
40
50
0
100
200
300
400
500
Load Voltage ( V )
17305
T = 85 C
T = 25 C
T = –40 C
IF = 0
ILt50 A
0
100
200
300
012345
Load Voltage ( V )
17306
T = 85 C
T = 25 C
T = –40 C
IF = 5 mA
Fig. 8 Current Limit vs. Temperature
Fig. 9 Variation in ON-Resistance vs. LED Current
Fig. 10 LED Dropout Voltage vs. Temperature
–40
–30
–20
–10
0
10
20
30
40
–40
–20
0
20
40
60
80
Ambient Temperature ( C )
17307
IF = 5 mA
VL = 6 V
–2
0
2
4
6
8
10
0
4
8
12
16
20
LED Current ( mA )
17308
IL = 50 mA
1.04
1.08
1.12
1.16
1.20
1.24
–40
–20
0
20
40
60
80
Temperature ( C )
17309
IL = 100 mA


Similar Part No. - LH1518AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1518AT VISHAY-LH1518AT Datasheet
162Kb / 8P
   1 Form A Solid State Relay
Rev. 1.5, 17-Mar-11
LH1518AT VISHAY-LH1518AT Datasheet
163Kb / 8P
   1 Form A Solid State Relay
Rev. 1.5, 17-Mar-11
LH1518AT VISHAY-LH1518AT Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.6, 05-Jul-2018
LH1518AT VISHAY-LH1518AT Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1518AT VISHAY-LH1518AT Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1518AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com