Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1246 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1246
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1246 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM1246 Datasheet HTML 24Page - National Semiconductor (TI) LM1246 Datasheet HTML 25Page - National Semiconductor (TI) LM1246 Datasheet HTML 26Page - National Semiconductor (TI) LM1246 Datasheet HTML 27Page - National Semiconductor (TI) LM1246 Datasheet HTML 28Page - National Semiconductor (TI) LM1246 Datasheet HTML 29Page - National Semiconductor (TI) LM1246 Datasheet HTML 30Page - National Semiconductor (TI) LM1246 Datasheet HTML 31Page - National Semiconductor (TI) LM1246 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
LM1246 Address Map (Continued)
RAM Data Format (Standard LM1247 Mode)
Each of the 512 locations in the page RAM is comprised of a 13-bit code consisting of an 8-bit character or control code, and a
4-bit attribute code. Each of the characters is stored in sequence in the page RAM in bits 7:0. Special codes are used between
lines to show where one line ends and the next begins, and also to allow blank (or ‘skipped’) single scan lines to be added
between character lines. Table 8. Page RAM Format (Standard Mode) shows the format of a character stored in RAM. Note that
even though this is a 13- bit format, reading and writing characters and codes is done in 8-bit bytes.
TABLE 8. Page RAM Format (Standard Mode)
ATTRIBUTE CODE
CHARACTER CODE
CC[8]
BANK SEL.
BANK CHARACTER
ATT[3:0]
0
CC[7:6]
CC[5:0]
Bits 7–6 determine which Bank Select Register is used to look up the 3-bit address of the bank where the character will be called
from. Bits 5–0 determine which of the 64 characters is called from that bank. Bit 8 is unused since this would be the 9th character
code bit for the mode below, however in this mode, the character code is defined with only 8 bits. Bits 12–9 address one of the
16 attributes in the table containing the colors and enhanced features to be used for this particular character. Two separate
attribute tables are used, one for 2-color characters, and the other for 4-color characters. Note there are 16 available attributes
for 2-color characters and a different set of 16 available attributes for 4-color characters. It is the bank number in the register
called by the Bank Select bits, which determines whether the character has a 2-color or 4-color attribute.
RAM Data Format (9-Bit Character Code Definition Mode)
Each of the 512 locations in the page RAM is comprised of a 13-bit code consisting of a 9-bit character or control code, and a
4-bit attribute code. Each of the characters is stored in sequence in the page RAM in bits 8:0. Special codes are used between
lines to show where one line ends and the next begins, and also to allow blank (or ’skipped’) single scan lines to be added
between character lines. Table 9. Page RAM Format (9-bit mode) shows the format of a character stored in RAM. Note that even
though this is a 13- bit format, reading and writing characters and codes is done in 8-bit bytes.
TABLE 9. Page RAM Format (9-bit mode)
ATTRIBUTE CODE
CHARACTER CODE
ATT[3:0]
CC[8:0]
Bits 8–0 determined which of the 512 characters is to be called from the character ROM. Bits 12–9 address one of the 16
attributes in the table containing the colors and enhanced features to be used for this particular character. Two separate attribute
tables are used, one for 2-color characters, and the other for 4-color characters. Note there are 16 available attributes for 2-color
characters and a different set of 16 available attributes for 4-color characters.
End-Of-Line Code
To signify the end of a line of characters, a special End-of-Line (EOL) code is used in place of a character code. This code, shown
in Table 10. End-Of-Line Code tells the OSD generator that the character and attribute codes which follow must be placed on a
new line in the displayed window. Bits 8–1 are zeros, bit 0 is a one. The attribute that is stored in Page RAM along with this code
is not used.
TABLE 10. End-Of-Line Code
ATTRIBUTE CODE
END-OF-LINE CODE
ATT[3:0]
000000001
Skip-Line Code
In order to allow finer control of the vertical spacing of character lines, each displayed line of characters may have up to 15
skipped (i.e., blank) lines between it and the line beneath it. Each skipped line is treated as a single character pixel line, so
multiple scan lines may actually be displayed in order to maintain accurate size relative to the character cell. An internal algorithm
maintains vertical height proportionality (see the section on Constant Character Height Mechanism). To specify the number of
skipped lines, the first character in each new line of characters is interpreted differently than the others in the line. Its data are
interpreted as shown in Table 11. Skipped-Line Code, with the attribute bits setting the color of the skipped lines.
TABLE 11. Skipped-Line Code
ATTRIBUTE CODE
NUMBER OF SKIPPED LINES
ATT[3:0]
XXXXX
SL[3:0]
Bits 8–4 are reserved and should be set to zero. Bits 3–0 determine how many blank pixel lines will be inserted between the
present line of display characters and the next. A range of 0–15 may be selected. Bits 12–9 determine which attribute the pixels
in the skipped lines will have, which is always called from the two-color attribute table. The pixels will have the background color
(Color 0) of the selected attribute table entry.
www.national.com
28


Similar Part No. - LM1246

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM1246

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com