Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA244UA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA244UA
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA244UA Datasheet(HTML) 5 Page - Texas Instruments

  OPA244UA Datasheet HTML 1Page - Texas Instruments OPA244UA Datasheet HTML 2Page - Texas Instruments OPA244UA Datasheet HTML 3Page - Texas Instruments OPA244UA Datasheet HTML 4Page - Texas Instruments OPA244UA Datasheet HTML 5Page - Texas Instruments OPA244UA Datasheet HTML 6Page - Texas Instruments OPA244UA Datasheet HTML 7Page - Texas Instruments OPA244UA Datasheet HTML 8Page - Texas Instruments OPA244UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
OPA244, 2244, 4244
®
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
Single
OPA244NA
SOT-23-5 Surface-Mount
331
–40
°C to +85°C
A44
OPA244NA/250
Tape and Reel
""
"
"
"
OPA244NA/3K
Tape and Reel
OPA244PA
8-Pin DIP
006
–40
°C to +85°C
OPA244PA
OPA244PA
Rails
OPA244UA
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA244UA
OPA244UA
Rails
""
"
"
"
OPA244UA/2K5
Tape and Reel
Dual
OPA2244EA
MSOP-8 Surface-Mount
337
–40
°C to +85°C
A44
OPA2244EA/250
Tape and Reel
""
"
"
"
OPA2244EA/2K5
Tape and Reel
OPA2244PA
8-Pin DIP
006
–40
°C to +85°C
OPA2244PA
OPA2244PA
Rails
OPA2244UA
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA2244UA
OPA2244UA
Rails
""
"
"
"
OPA2244UA/2K5
Tape and Reel
Quad
OPA4244EA
TSSOP-14 Surface-Mount
357
–40
°C to +85°C
OPA4244EA
OPA4244EA/250
Tape and Reel
""
"
"
"
OPA4244EA/2K5
Tape and Reel
NOTE: (1) Products followed by a slash (/) are only available in Tape and Reel in the quantities indicated (e.g., /250 indicates 250 devices per reel). Ordering 3000
pieces of “OPA244NA/3K” will get a single 3000 piece Tape and Reel.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage Range(2) ................................... (V–) – 0.3V to (V+) + 0.3V
Input Current(2) ................................................................................. 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ESD Capability ................................................................................ 2000V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Inputs are diode-clamped to the supply rails and
should be current-limited to 10mA or less if input voltages can exceed rails
by more than 0.3V. (3) Short-circuit to ground, one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE /ORDERING INFORMATION


Similar Part No. - OPA244UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244UA BURR-BROWN-OPA244UA Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA244UA NSC-OPA244UA Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA244UA/2K5 BURR-BROWN-OPA244UA/2K5 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA244UA2K5 NSC-OPA244UA2K5 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
OPA244UA2K5E4 NSC-OPA244UA2K5E4 Datasheet
1Mb / 26P
   MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
More results

Similar Description - OPA244UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com