Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA445 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA445 Datasheet(HTML) 3 Page - Texas Instruments

  OPA445_16 Datasheet HTML 1Page - Texas Instruments OPA445_16 Datasheet HTML 2Page - Texas Instruments OPA445_16 Datasheet HTML 3Page - Texas Instruments OPA445_16 Datasheet HTML 4Page - Texas Instruments OPA445_16 Datasheet HTML 5Page - Texas Instruments OPA445_16 Datasheet HTML 6Page - Texas Instruments OPA445_16 Datasheet HTML 7Page - Texas Instruments OPA445_16 Datasheet HTML 8Page - Texas Instruments OPA445_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −25°C to +85°C. VS = ±40V.
At TA = +25°C, VS = ±40V, and RL = 5kΩ, unless otherwise noted.
OPA445BM
OPA445AP, AU, ADDA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = 0, IO = 0
±1
±3
±1.5
±5
mV
vs Temperature
VOS/dT
TA = −25°C to +85°C
±10
*
µV/°C
vs Power Supply
PSRR
VS = ±10V to ±45V
4
100
µV/V
INPUT BIAS CURRENT(1)
Input Bias Current
IB
VCM = 0V
±10
±50
±100
pA
Over Specified Temperature Range
±10
±20
nA
Input Offset Current
IOS
VCM = 0V
±4
±20
±40
pA
Over Specified Temperature Range
±5
±10
nA
NOISE
Input Voltage Noise Density, f = 1kHz
en
15
nV/
√Hz
Current Noise Density, f = 1kHz
in
6
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
VS = ±40V
(V−) + 5
(V+) − 5
V
Common-Mode Rejection
CMRR
VCM = −35V to +35V
80
95
dB
Over Specified Temperature Range
80
*
dB
INPUT IMPEDANCE
Differential
1013 || 1
Ω || pF
Common-Mode
1014 || 3
Ω || pF
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
AOL
VO = −35V to +35V
100
110
dB
Over Specified Temperature Range
97
dB
FREQUENCY RESPONSE
Gain Bandwidth Product
GBW
2
MHz
Slew Rate
SR
VO = 70VPP
5
15
V/
µs
Full Power Bandwidth
VO = 70VPP
23
70
kHz
Rise Time
VO = ±200mV
100
ns
Overshoot
G = +1, ZL = 5kΩ || 50pF
35
%
Total Harmonic Distortion + Noise
THD+N
f = 1kHz, VO = 3.5Vrms, G = 1
0.0002
%
f = 1kHz, VO = 10Vrms, G = 1
0.00008
%
OUTPUT
Voltage Output
VO
(V−) + 5
(V+) − 5
V
Over Specified Temperature Range
(V−) + 5
(V+) − 5
*
*
V
Current Output
IO
VO = ±28V
±15
mA
Output Resistance, Open Loop
RO
dc
220
Short Circuit Current
ISC
±26
mA
Capacitive Load Drive
CLOAD
See Typical Characteristic(2)
POWER SUPPLY
Specified Operating Range
VS
±40
V
Operating Voltage Range
±10
±45
V
Quiescent Current
IQ
IO = 0
±4.2
±4.7
mA
TEMPERATURE RANGE
Specification Range
−25
+85
°C
Operating Range
−55
+125
°C
Storage Range
−65
+125
−55
+125
°C
Thermal Resistance,
Junction-to-Ambient
qJA
TO-99
200
°C/W
DIP-8
100
°C/W
SO-8 Surface-Mount
150
°C/W
SO-8 PowerPAD(3)
52
°C/W
Thermal Resistance, Junction-to-Case
qJC
SO-8 PowerPAD(3)
10
°C/W
NOTE:
∗ Specifications same as OPA445BM.
(1) High-speed test at TJ = +25°C.
(2) See Small-Signal Overshoot vs Load Capacitance in the Typical Characteristics section.
(3) Test board 1in x 0.5in heat-spreader, 1oz copper.


Similar Part No. - OPA445_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA445ADDA TI-OPA445ADDA Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
OPA445ADDA TI-OPA445ADDA Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445ADDAG4 TI-OPA445ADDAG4 Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
OPA445ADDAG4 TI-OPA445ADDAG4 Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445ADDAR TI-OPA445ADDAR Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
More results

Similar Description - OPA445_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
   FET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
   FET Input Power Operational Amplifier
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com