Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA445 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA445 Datasheet(HTML) 2 Page - Texas Instruments

  OPA445_16 Datasheet HTML 1Page - Texas Instruments OPA445_16 Datasheet HTML 2Page - Texas Instruments OPA445_16 Datasheet HTML 3Page - Texas Instruments OPA445_16 Datasheet HTML 4Page - Texas Instruments OPA445_16 Datasheet HTML 5Page - Texas Instruments OPA445_16 Datasheet HTML 6Page - Texas Instruments OPA445_16 Datasheet HTML 7Page - Texas Instruments OPA445_16 Datasheet HTML 8Page - Texas Instruments OPA445_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply
±50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage
±80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range
|
±VS| − 3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range: M
−65
°C to +150°C
. . . . . . . . . . . . . .
P, U, DDA
−55
°C to +125°C
. . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Output Short-Circuit to Ground (TJ < +125°C)
Continuous
. . . . . .
Junction Temperature: M
+175
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature: P, U, DDA
+150
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA445AP
DIP-8
P
OPA445AP
OPA445AU
SO-8 Surface-Mount
D
OPA445AU
OPA445ADDA
SO-8 PowerPAD
DDA
OPA445
OPA445BM
TO-99 8-Pin
LMC
OPA445BM
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.


Similar Part No. - OPA445_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA445ADDA TI-OPA445ADDA Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
OPA445ADDA TI-OPA445ADDA Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445ADDAG4 TI-OPA445ADDAG4 Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
OPA445ADDAG4 TI-OPA445ADDAG4 Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445ADDAR TI-OPA445ADDAR Datasheet
885Kb / 25P
[Old version datasheet]   SBOS156B High Voltage FET-Input
More results

Similar Description - OPA445_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
   FET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
   FET Input Power Operational Amplifier
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com